Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGP1439-EPU Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGP1439-EPU
Description  18 - 20 GHz 5-Bit Phase Shifter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGP1439-EPU Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGP1439-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGP1439-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGP1439-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGP1439-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGP1439-EPU Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TriQuint Semiconductor Texas : (972)994 8465 Fax (972)994 8504 Web: www.triquint.com
2
Advance Product Information
June 29, 2001
RECOMMENDED MAXIMUM RATINGS
Symbol
Parameter
Value
Notes
V-
Control Voltage
-8 V
I+
Control Current
1 mA
3/
PD
Power Dissipation
0.1 W
PIN
Input Continuous Wave Power
20 dBm
TCH
Operating Channel Temperature
150
°C
1/, 2/
TM
Mounting Temperature (30 seconds)
320
°C
TSTG
Storage Temperature
-65
°C to 150 °C
1/
These ratings apply to each individual FET
2/
Junction operating temperature will directly affect the device mean time to failure
(MTTF). For maximum life it is recommended that junction temperatures be
maintained at the lowest possible levels.
3/
Total current for the entire MMIC
Electrical Characteristics
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.
ON-WAFER RF PROBE CHARACTERISTICS
(TA = 25
°C ± 5°C)
Symbol Parameter
Test Condition
Vctnl=0V / -2.5V
Limit
Min Nom Max
Units
IL
Insertion Loss F = 18, 19, 20 GHz
States 0 and 31
-5.5
-4.6
-4.0
dB
IRL
Input Return
Loss
F = 18, 19, 20 GHz
States 0 and 31
-16
-11
dB
ORL
Output Return
Loss
F = 18, 19, 20 GHz
States 0 and 31
-14
-11
dB
PS
Phase Shift
F = 18, 19, 20 GHz
State 31
342
344
350
deg
0
200
400
600
800
1000
1200
-5.0 -4.9 -4.8 -4.7 -4.6 -4.5 -4.4 -4.3 -4.2 -4.1 -4.0
19 GHz Reference State Insertion Loss (dB)
TGP1439-EPU


Similar Part No. - TGP1439-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP1439 TRIQUINT-TGP1439 Datasheet
2Mb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
TGP1439 TRIQUINT-TGP1439_15 Datasheet
2Mb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
More results

Similar Description - TGP1439-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC1439A TRIQUINT-TGC1439A Datasheet
927Kb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
TGP1439 TRIQUINT-TGP1439_15 Datasheet
2Mb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
   5-18 GHz Analog Phase Shifter
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
   5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
   5-18 GHz Analog Phase Shifter
August 23, 2021
logo
TriQuint Semiconductor
TGP2102 TRIQUINT-TGP2102_15 Datasheet
377Kb / 9P
   35 GHz 5-Bit Phase Shifter
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
logo
TriQuint Semiconductor
TGP2102-EPU TRIQUINT-TGP2102-EPU Datasheet
238Kb / 9P
   35 GHz 5-Bit Phase Shifter
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247_08 Datasheet
250Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
logo
Analog Devices
HMC247 AD-HMC247 Datasheet
330Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com