Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QL8X12B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. QL8X12B
Description  Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL8X12B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QL8X12B Datasheet HTML 2Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 3Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 4Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 5Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 9Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
12
Preliminary
8-12
Military 5.0V pASIC 1 Family
Pinout Diagram 208-pin CPGA
PINOUT DIAGRAM 208-PIN CPGA
QL24X32B-1PQ208M
pASIC
Pin #1
Pin #157
Pin #53
Pin #105


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
QL16X24B pASIC 1 Family Very-High-Speed CMOS FPGA 1  2  3  4  5  More List of Unclassifed Manufacturers
QL2009 3.3V and 5.0V pASIC 2 FPGA Combining Speed Density Low Cost and Flexibility 1  2  3  4  5  More List of Unclassifed Manufacturers
QL2007 3.3V and 5.0V pASIC 2 FPGA Combining Speed Density Low Cost and Flexibility 1  2  3  4  5  More List of Unclassifed Manufacturers
HY628400A 512K x8 bit 5.0V Low Power CMOS slow SRAM 1  2  3  4  5  More Hynix Semiconductor
WS27C256L Military 32K x 8 CMOS EPROM 1  2  3  4  5  STMicroelectronics
S3C8835 SAM87 family of 8-bit single-chip CMOS microcontrollers 1  2  3  4  5  More Samsung semiconductor
MT89L80 CMOS ST-BUS™ FAMILY Digital Switch 1  2  3  4  5  More Mitel Networks Corporation
S3C8847 SAM87 family of 8-bit single-chip CMOS microcontrollers 1  2  3  4  5  More Samsung semiconductor
MT89L85 CMOS ST-BUS™ FAMILY Enhanced Digital Switch 1  2  3  4  5  More Mitel Networks Corporation
QL2003 3.3V and 5.0V pASIC-R 2 FPGA Combining Speed Density Low Cost and Flexibility 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn