Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QL8X12B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. QL8X12B
Description  Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL8X12B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QL8X12B Datasheet HTML 1Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 2Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 3Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 4Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 5Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
10
Preliminary
8-10
Military 5.0V pASIC 1 Family
Pinout Diagram 144-pin CPGA
TABLE 4: CPGA 144 Function/Connector Table
(Cont’d on next page)
PINOUT DIAGRAM 144-PIN CPGA
PIN
FUNC
PIN
FUNC
PIN
FUNC
PIN
FUNC
A2
IO
B15
IO
R14
IO
P1
IO
B3
IO
C14
IO
P13
IO
N2
IO
C4
IO
D13
IO
N12
IO
M3
IO
A3
IO
C15
IO
R13
IO
N1
IO
B4
IO
D14
IO
P12
IO
M2
IO
A4
IO
E13
VCC
R12
IO
L3
VCC
C3
VCC
D15
IO
N13
VCC
M1
IO
B5
IO
E14
IO
P11
IO
L2
IO
A5
IO
E15
IO
R11
IO
L1
IO
C6
IO
F13
IO
N10
IO
K3
IO
B6
IO
F14
IO
P10
IO
K2
IO
A6
IO
F15
IO
R10
IO
K1
IO
A7
IO
G15
IO
R9
IO
J1
IO
B7
IO
C13
GND
P9
IO
N3
GND
C5
GND
G14
IO
N11
GND
J2
IO
A8
IO
H15
IO
R8IO
H1IO
B8
I/(SCLK)
H14
IO
P8
I/(SI)
H2
IO
C8
I/CLK/(SM)
G13
GND
N8
I/CLK
J3
GND
C7
VCC
H13
IO
N9
VCC
H3
IO
A9
I/(P)
J15
IO
R7
I
G1
IO
B9
I
J14
IO
P7
I/(SO)
G2
IO
C11
VCC
J13
VCC
N5
VCC
G3
VCC
A10
IO
K15
IO
R6
IO
F1
IO
A11
IO
L15
IO
R5
IO
E1
IO
B10
IO
K14
IO
P6
IO
F2
IO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
QL16X24B pASIC 1 Family Very-High-Speed CMOS FPGA 1  2  3  4  5  More List of Unclassifed Manufacturers
QL2009 3.3V and 5.0V pASIC 2 FPGA Combining Speed Density Low Cost and Flexibility 1  2  3  4  5  More List of Unclassifed Manufacturers
QL2007 3.3V and 5.0V pASIC 2 FPGA Combining Speed Density Low Cost and Flexibility 1  2  3  4  5  More List of Unclassifed Manufacturers
HY628400A 512K x8 bit 5.0V Low Power CMOS slow SRAM 1  2  3  4  5  More Hynix Semiconductor
WS27C256L Military 32K x 8 CMOS EPROM 1  2  3  4  5  STMicroelectronics
S3C8835 SAM87 family of 8-bit single-chip CMOS microcontrollers 1  2  3  4  5  More Samsung semiconductor
MT89L80 CMOS ST-BUS™ FAMILY Digital Switch 1  2  3  4  5  More Mitel Networks Corporation
S3C8847 SAM87 family of 8-bit single-chip CMOS microcontrollers 1  2  3  4  5  More Samsung semiconductor
MT89L85 CMOS ST-BUS™ FAMILY Enhanced Digital Switch 1  2  3  4  5  More Mitel Networks Corporation
QL2003 3.3V and 5.0V pASIC-R 2 FPGA Combining Speed Density Low Cost and Flexibility 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn