Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QL8X12B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. QL8X12B
Description  Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL8X12B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QL8X12B Datasheet HTML 1Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 2Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 3Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 4Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 5Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8X12B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
8-9
Military 5.0V pASIC 1 Family
Pinout Diagram 84-pin CPGA
TABLE 3: CPGA 84 Function/Connector Pin Table
PINOUT DIAGRAM 84-PIN CPGA
PIN
FUNC
PIN
FUNC
PIN
FUNC
PIN
FUNC
B10
IOB2IOK2
IO
K10
IO
B9
IO
C2
IO
K3
IO
J10
IO
A10
IO
B1
IO
L2
IO
K11
IO
A9
IO
C1
IO
L3
IO
J11
IO
B8
IO
D2
IO
K4
IO
H10
IO
A8
IO
D1
IO
L4
IO
H11
IO
A7
IO
E1
IO
L5
IO
G11
IO
C7
GND
E3
GND
J5
GND
G9
GND
A6
IO
E2
IO
L6
IO
G10
IO
B7
I/(SCLK)
F1
IO
K5
I/(SI)
F11
IO
C6
I/CLK/(SM)
F2
IO
J6
I/CLK
F10
IO
B6
I(P)
F3
IO
K6
I
F9
IO
B5
I
G1
IO
K7
I/(SO)
E11
IO
C5
VCC
G3
VCC
J7
VCC
E9
VCC
A5
IO
G2
IO
L7
IO
E10
IO
A4
IO
H1
IO
L8
IO
D11
IO
B4
IO
H2
IO
K8
IO
D10
IO
A3
IO
J1
IO
L9
IO
C11
IO
A2
IO
K1
IO
L10
IO
B11
IO
B3
IO
J2
IO
K9
IO
C10
IO
A1
IO
L1
IO
L11
IO
A11
IO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
QL16X24B pASIC 1 Family Very-High-Speed CMOS FPGA 1  2  3  4  5  More List of Unclassifed Manufacturers
QL2009 3.3V and 5.0V pASIC 2 FPGA Combining Speed Density Low Cost and Flexibility 1  2  3  4  5  More List of Unclassifed Manufacturers
QL2007 3.3V and 5.0V pASIC 2 FPGA Combining Speed Density Low Cost and Flexibility 1  2  3  4  5  More List of Unclassifed Manufacturers
HY628400A 512K x8 bit 5.0V Low Power CMOS slow SRAM 1  2  3  4  5  More Hynix Semiconductor
WS27C256L Military 32K x 8 CMOS EPROM 1  2  3  4  5  STMicroelectronics
S3C8835 SAM87 family of 8-bit single-chip CMOS microcontrollers 1  2  3  4  5  More Samsung semiconductor
MT89L80 CMOS ST-BUS™ FAMILY Digital Switch 1  2  3  4  5  More Mitel Networks Corporation
S3C8847 SAM87 family of 8-bit single-chip CMOS microcontrollers 1  2  3  4  5  More Samsung semiconductor
MT89L85 CMOS ST-BUS™ FAMILY Enhanced Digital Switch 1  2  3  4  5  More Mitel Networks Corporation
QL2003 3.3V and 5.0V pASIC-R 2 FPGA Combining Speed Density Low Cost and Flexibility 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn