Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50060 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL50060
Description  16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50060 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL50060 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50060 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50060 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50060 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50060 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50060 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50060 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50060 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50060 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
ZL50060/1
Data Sheet
9
Zarlink Semiconductor Inc.
Figure 2 - ZL50061 PBGA Connections (272 PBGA, 27 mm x 27 mm) Pin Diagram
(as viewed through top of package)
Pinout Diagram: (as viewed through top of package)
A1 corner identified by metallized marking
1
2
3
456
78
9
10
11
12
13
14
15
16
17
18
19
20
A
GND
IC_GND
BSTo5
BSTo4
BSTo2
A2
VDD_
CORE
A8
A11
A14
DS
ODE
DTA
TCK
BCSTo1 LCSTo3
LSTo0
LSTo1
LSTo2
NC
B
BSTo6
BSTo7
BSTo8
VDD_
CORE
BSTo1
NC
A5
A7
A10
NC
CS
VDD_
CORE
TDi
TRST
BCSTo2 LCSTo2 IC_GND
LSTo3
LSTo4
LSTo5
C
BSTo9
BSTo10 IC_GND
BSTo3
BSTo0
A1
A4
A6
NC
A13
R/W
RESET
TDo
BCSTo0 BCSTo3 LCSTo1 LCSTo0
LSTo6
LSTo7
LSTo8
D
BSTo11 BSTo12 BSTo13
GND
A0
VDD_IO
A3
GND
A9
A12
VDD_IO
TMS
GND
VDD_
CORE
VDD_IO IC_GND
GND
LSTo9
LSTo10 LSTo11
E
BSTo14 BSTo15 BSTo16 BSTo17
LSTo12 LSTo13 LSTo14 LSTo15
F
BSTo18 BSTo19 BSTo20 VDD_IO
VDD_IO LSTo16 LSTo17 LSTo18
G
BSTo21 BSTo22 BSTo23 BSTo24
LSTo19 LSTo20 LSTo21 LSTo22
H
BSTo25 BSTo26 BSTo27
GND
GND
LSTo23 LSTo24 LSTo25
J
BSTo28 BSTo29 BSTo30 BSTo31
GND
GND
GND
GND
LSTo26 LSTo27 LSTo28 LSTo29
KVDD_
CORE
BORS
BSTi0
VDD_IO
GND
GND
GND
GND
LSTo30 LSTo31
LORS
VDD_
CORE
L
BSTi1
BSTi2
BSTi3
BSTi4
GND
GND
GND
GND
VDD_IO
LSTi0
LSTi1
LSTi2
M
BSTi5
BSTi6
BSTi7
BSTi8
GND
GND
GND
GND
LSTi3
LSTi4
LSTi5
LSTi6
N
BSTi9
BSTi10
VDD_
CORE
GND
GND
LSTi7
LSTi8
LSTi9
P
BSTi11
BSTi12
BSTi13
BSTi14
LSTi10
VDD_
CORE
LSTi11
LSTi12
R
BSTi15
BSTI16
BSTi17 VDD_IO
VDD_IO LSTi13
LSTi14
LSTi15
T
BSTi18
BSTi19
BSTi20
BSTi21
VDD_
CORE
LSTi16
LSTi17
LSTi18
U
BSTi22
NC
NC
GND
BSTi28 VDD_IO
D10
GND
D4
VDD_IO
GND
VDD_
PLL
GND
FP8i
VDD_IO
VDD_
CORE
GND
LSTi19
LSTi20
LSTi21
VVDD_
CORE
NC
NC
BSTi29
VDD_
CORE
D13
D9D7D3D0
IC_GND
NC
C8o
FP8o
NC
NC
LSTi22
LSTi23
LSTi24
LSTi25
W
BSTi23
BSTi24
BSTi25
BSTi30
D15
D12
D8
D6
D2
IC_GND IC_GND
C8i
C16o
FP16o
NC
NC
NC
LSTi26
LSTi27
NC
Y
BSTi26
BSTi27
NC
BSTi31
D14
D11
VDD_
CORE
D5
D1
IC_GND
VDD_
CORE
IC_
OPEN
IC_
OPEN
VDD_
CORE
NC
NC
LSTi29
LSTi30
LSTi31
LSTi28


Similar Part No. - ZL50060

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50062GAC ZARLINK-ZL50062GAC Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50063GAC ZARLINK-ZL50063GAC Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50064 ZARLINK-ZL50064 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50060

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com