Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT72L50IQ Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT72L50IQ
Description  SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
Download  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L50IQ Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT72L50IQ Datasheet HTML 3Page - Exar Corporation XRT72L50IQ Datasheet HTML 4Page - Exar Corporation XRT72L50IQ Datasheet HTML 5Page - Exar Corporation XRT72L50IQ Datasheet HTML 6Page - Exar Corporation XRT72L50IQ Datasheet HTML 7Page - Exar Corporation XRT72L50IQ Datasheet HTML 8Page - Exar Corporation XRT72L50IQ Datasheet HTML 9Page - Exar Corporation XRT72L50IQ Datasheet HTML 10Page - Exar Corporation XRT72L50IQ Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 471 page
background image
áç
áç
áç
áç
XRT72L50
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
REV. 1.2.1
V
Figure 40. The Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block for Mode 5 (Nibble-
Parallel/Local-Timed/Frame-Slave) Operation ............................................................................................. 147
4.2.1.6 Mode 6 - The Nibble-Parallel/TxInClk/Frame-Master Interface Mode Behavior of the XRT72L50 148
Figure 41. Behavior of the Terminal Interface signals between the XRT72L50 and the Terminal Equipment (DS3 Mode 5
Operation) .................................................................................................................................................... 148
Figure 42. The Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block for Mode 6 (Nibble-
Parallel/Local-Timed/Frame-Master) Operation ........................................................................................... 149
Figure 43. Behavior of the Terminal Interface signals between the XRT72L50 and the Terminal Equipment (DS3 Mode 6
Operation) .................................................................................................................................................... 150
4.2.2 The Transmit Overhead Data Input Interface ........................................................................................ 151
Figure 44. The Transmit Overhead Data Input Interface block .................................................................................... 151
4.2.2.1 Method 1 - Using the TxOHClk Clock Signal .............................................................................. 152
TABLE 16: OVERHEAD BITS WITHIN THE DS3 FRAME AND THEIR POTENTIAL SOURCES WITHIN THE XRT72L50 IC ............. 152
TABLE 17: DESCRIPTION OF METHOD 1 TRANSMIT OVERHEAD INPUT INTERFACE SIGNALS ............................................... 153
Figure 45. The Terminal Equipment being interfaced to the Transmit Overhead Data Input Interface (Method 1) ..... 154
TABLE 18: THE RELATIONSHIP BETWEEN THE NUMBER OF RISING CLOCK EDGES IN TXOHCLK SINCE TXOHFRAME WAS LAST
SAMPLED
"HIGH" TO THE DS3 OVERHEAD BIT THAT IS BEING PROCESSED ....................................................... 154
Figure 46. Illustration of the signal that must occur between the Terminal Equipment and the XRT72L50, in order to configure
the XRT72L50 to transmit a Yellow Alarm to the remote terminal equipment ............................................. 157
4.2.2.2 Method 2 - Using the TxInClk and TxOHEnable Signals ............................................................ 158
TABLE 19: DESCRIPTION OF METHOD 2 TRANSMIT OVERHEAD INPUT INTERFACE SIGNALS ............................................... 158
Figure 47. The Terminal Equipment being interfaced to the Transmit Overhead Data Input Interface (Method 2) ..... 159
TABLE 20: THE RELATIONSHIP BETWEEN THE NUMBER OF TXOHENABLE PULSES SINCE THE LAST OCCURRENCE OF THE
TXOHFRAME PULSE, TO THE DS3 OVERHEAD BIT THAT IS BEING PROCESSED BY THE XRT72L50 ................... 159
4.2.3 The Transmit DS3 HDLC Controller ...................................................................................................... 162
4.2.3.1 Bit-Oriented Signaling (or FEAC Message) processing via the Transmit DS3 HDLC Controller. 162
Figure 48. Behavior of Transmit Overhead Data Input Interface signals between the XRT72L50 and the Terminal Equipment
(for Method 2) .............................................................................................................................................. 162
4.2.3.2 Message-Oriented Signaling (e.g., LAP-D) processing via the Transmit DS3 HDLC Controller
164
Figure 49. A Flow Chart depicting how to transmit a FEAC Message via the FEAC Transmitter ............................... 164
Figure 50. LAPD Message Frame Format .................................................................................................................. 165
TABLE 21: THE LAPD MESSAGE TYPE AND THE CORRESPONDING VALUE OF THE FIRST BYTE WITHIN THE INFORMATION PAYLOAD
166
TABLE 22: RELATIONSHIP BETWEEN TXLAPD MSG LENGTH AND THE LAPD MESSAGE SIZE ........................................... 166
TABLE 23: RELATIONSHIP BETWEEN TXLAPD MSG LENGTH AND THE LAPD MESSAGE SIZE ........................................... 167
Figure 51. Flow Chart depict how to use the LAPD Transmitter ................................................................................. 169
4.2.4 The Transmit DS3 Framer Block ........................................................................................................... 170
4.2.4.1 Brief Description of the Transmit DS3 Framer ............................................................................ 170
4.2.4.2 Detailed Functional Description of the Transmit DS3 Framer Block ........................................... 171
Figure 52. The Transmit DS3 Framer Block and the associated paths to other Functional Blocks ............................. 172
TABLE 24: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 7 (TX YELLOW ALARM) WITHIN THE TX DS3 CONFIGURATION
REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER BLOCK'S ACTION ...................................................... 173
TABLE 25: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 6 (TX X-BITS) WITHIN THE TX DS3 CONFIGURATION REGISTER, AND
THE RESULTING
TRANSMIT DS3 FRAMER BLOCK'S ACTION .............................................................................. 173
TABLE 26: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 5 (TX IDLE) WITHIN THE TX DS3 CONFIGURATION REGISTER, AND
THE RESULTING
TRANSMIT DS3 FRAMER ACTION ............................................................................................ 174
TABLE 27: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 4 (TX AIS PATTERN) WITHIN THE TX DS3 CONFIGURATION
REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER BLOCK'S ACTION ...................................................... 174
TABLE 28: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 3 (TX LOS) WITHIN THE TX DS3 CONFIGURATION REGISTER, AND
THE RESULTING
TRANSMIT DS3 FRAMER BLOCK'S ACTION .............................................................................. 175
4.2.5 The Transmit DS3 Line Interface Block ................................................................................................. 177
Figure 53. Interfacing the XRT72L50 Framer IC to the XRT73L00 DS3/E3/STS-1 LIU .............................................. 178
Figure 54. The Transmit DS3 LIU Interface block ....................................................................................................... 178
4.2.5.1 Selecting the various Line Codes ............................................................................................... 179
Figure 55. The Behavior of TxPOS and TxNEG signals during data transmission while the Transmit DS3 LIU Interface is
operating in the Unipolar Mode ................................................................................................................... 179
TABLE 29: THE RELATIONSHIP BETWEEN THE CONTENT OF BIT 3 (UNIPOLAR/BIPOLAR) WITHIN THE UNI I/O CONTROL REGISTER
AND THE
TRANSMIT DS3 FRAMER LINE INTERFACE OUTPUT MODE .................................................................. 180
Figure 56. Illustration of AMI Line Code ..................................................................................................................... 180
4.2.5.2 TxLineClk Clock Edge Selection ................................................................................................. 181
Figure 57. Illustration of two examples of B3ZS Encoding ......................................................................................... 181
TABLE 30: THE RELATIONSHIP BETWEEN BIT 4 (AMI/B3ZS*) WITHIN THE I/O CONTROL REGISTER AND THE BIPOLAR LINE CODE
THAT IS OUTPUT BY THE
TRANSMIT DS3 LIU INTERFACE BLOCK ...................................................................... 181
TABLE 31: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 2 (TXLINECLK INV) WITHIN THE I/O CONTROL REGISTER AND THE


Similar Part No. - XRT72L50IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52IQ EXAR-XRT72L52IQ Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
   FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
   SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results

Similar Description - XRT72L50IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
   FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
   SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L58 EXAR-XRT72L58 Datasheet
5Mb / 486P
   EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Synaptics Incorporated.
CN8330 CONEXANT-CN8330 Datasheet
586Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com