Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2896B Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # U2896B
Description  Modulation PLL for GSM, DCS and PCS Systems
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2896B Datasheet(HTML) 1 Page - TEMIC Semiconductors

  U2896B Datasheet HTML 1Page - TEMIC Semiconductors U2896B Datasheet HTML 2Page - TEMIC Semiconductors U2896B Datasheet HTML 3Page - TEMIC Semiconductors U2896B Datasheet HTML 4Page - TEMIC Semiconductors U2896B Datasheet HTML 5Page - TEMIC Semiconductors U2896B Datasheet HTML 6Page - TEMIC Semiconductors U2896B Datasheet HTML 7Page - TEMIC Semiconductors U2896B Datasheet HTML 8Page - TEMIC Semiconductors U2896B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
U2896B
Rev. A1, 18-Sep-98
1 (13)
Preliminary Information
Modulation PLL for GSM, DCS and PCS Systems
Description
The U2896B is a monolithic integrated circuit. It is
realized using TEMIC’s advanced silicon bipolar UHF5S
technology. The device integrates a mixer, an I/Q
modulator, a phase-frequency detector (PFD) with two
synchronous programmable dividers, and a charge pump.
The U2896B is designed for cellular phones such as
GSM900,
DCS1800,
and
PCS1900,
applying
a
transmitter architecture at which the VCO operates at the
TX output frequency. No duplexer is needed since the
out-of-band noise is very low. The U2896B exhibits low
power consumption. Broadband operation gives high
flexibility for multi-band frequency mappings. The IC is
available in a shrinked small-outline 36-pin package
(SSO36).
Electrostatic sensitive device.
Observe precautions for handling.
Features
D Supply voltage range 2.7 V to 5.5 V
D Current consumption 50 mA
D Power-down functions
D High-speed PFD and charge pump (CP)
D Small CP saturation voltages (0.5/0.6 V)
D Programmable dividers and CP polarity
D Low-current standby mode
Benefits
D Novel TX architecture saves filter costs
D Extended battery operating time without duplexer
D Less board space (few external components)
D VCO control without voltage doubler
D Small SSO36 package
D One device for all GSM bands
Block Diagram
1:2
N
22
21
15
16
MUX
90
°
VRef
Modulator
7
8
I NI
Q NQ
PU
NMIXOMIXO
32
33
23
35
36
2
1
Mixer
PFD
Charge
pump
14
13
31
28
10
11
27
26
RF
NRF
VSP
CPO
VS2
MDO
NMDO
ND
NND
RD
NRD
MC
GND2
CPCL
CPCH
14891
VS1 GND1
5
6
LO
4
3
MDLO
NMDLO
34
25
30
GND3
24
NMIXLO
29
VS3
12
GNDP
17
1:2
R
PUMIX MIXLO
Mode control
Figure 1. Block diagram


Similar Part No. - U2896B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
U2891B-AFS TEMIC-U2891B-AFS Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
U2891B-AFSG3 TEMIC-U2891B-AFSG3 Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
U2893B TEMIC-U2893B Datasheet
294Kb / 14P
   Modulation PLL for GSM, DCS and PCS Systems
U2894B TEMIC-U2894B Datasheet
802Kb / 16P
   Modulation PLL for GSM, DCS and PCS Systems
More results

Similar Description - U2896B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2894B TEMIC-U2894B Datasheet
802Kb / 16P
   Modulation PLL for GSM, DCS and PCS Systems
U2893B TEMIC-U2893B Datasheet
294Kb / 14P
   Modulation PLL for GSM, DCS and PCS Systems
logo
List of Unclassifed Man...
U2895B ETC-U2895B Datasheet
803Kb / 16P
   Modulation PLL for GSM, DCS and PCS Systems
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
logo
STMicroelectronics
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
   TRI-BAND GSM/DCS/PCS LNA
logo
TriQuint Semiconductor
854823 TRIQUINT-854823_15 Datasheet
41Kb / 1P
   86.6 MHz Bandpass Filter for GSM / DCS / PCS Applications
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
NXP Semiconductors
UAA3535HL PHILIPS-UAA3535HL Datasheet
118Kb / 24P
   Low power GSM/DCS/PCS multi-band transceiver
2000 Feb 17
logo
RF Micro Devices
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com