Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

T6L37A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. T6L37A
Description  Source Driver for TFT LCD Panels
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

T6L37A Datasheet(HTML) 1 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
T6L37A
2002-01-07
1
TOSHIBA CMOS Digital Integrated Circuits Silicon Monolithic
T6L37A
Source Driver for TFT LCD Panels
The T6L37A is a 64 gray-level and 300/309-channel-output source
driver for TFT LCD panels. To meet the need for large-sized LCD
panels, it allows a maximum operating frequency of 55 MHz. The
device accepts 6-bit digital data inputs, which combined with the
internal DA converter and 11 external power supplies allows
display of up to 260,000 colors.
Based on high-speed CMOS, the T6L37A offers both low power
consumption and high-speed operation. The T6L37A allows
configuration of an XGA-or SVGA-compatible, high-performance
TFT LCD module.
Features
l Grayscale data
: 18-bit digital (3 outputs × 6 bits)
parallel transfer method,
selectable write direction.
l Panel drive outputs
: 300/309 outputs, 64 gray levels, DAC system, reference analog voltage
l Fast operation
: Max. 55 MHz
l Power supply voltage
: Digital power supply voltage..........3.0 to 3.6 V
Analog power supply voltage..........4.5 to 5.5 V
l Operating temperature
: −20 to 75°C
l Package
: Tape carrier package (TCP)
l Cascading multiple devices


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn