Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A9781DE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PT8A9781DE
Description  PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A9781DE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PT8A9781DE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A9781DE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A9781DE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A9781DE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A9781DE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A9781DE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A9781DE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A9781DE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A9781DE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
PT8A977B/9781 5-Function Remote
Controller for 1V Micro Cars
PT0118(02/04)
Ver:3
4
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Pad Location
PT8A9781DE
VO2
SI
OSCI
DGND
OSCO
LEFT
FOUT
Forward Backward
VI2
Die No.
1140um
RIGHT
DVDD
AVDD
VI1
VO1
AGND
VR
Pad Coordinate File
Pad Name
X Coordinate
Y Coordinate
Pad Name
X Coordinate
Y Coordinate
VO2
8.9
451.4
Backward
127.3
-451.3
SI
-105.7
451.4
Right
398.9
-354.4
AGND
-398.9
313
DVDD
398.9
-234
DGND
-398.9
192.6
AVDD
398.9
-88
OSCI
-398.9
40.8
VI1
398.9
26.6
OSCO
-398.9
-227.7
VO1
398.9
178.4
Left
-398.9
-373.7
VR
280.9
451.4
FOUT
-188
-451.3
VI2
160.7
451.4
Forward
2.7
-451.3
Note: Substrate is connected to GND


Similar Part No. - PT8A9781DE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A978LW PERICOM-PT8A978LW Datasheet
97Kb / 12P
   5-Function Remote Controller
PT8A978P PERICOM-PT8A978P Datasheet
97Kb / 12P
   5-Function Remote Controller
More results

Similar Description - PT8A9781DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT8A971AP ETC1-PT8A971AP Datasheet
65Kb / 10P
   5-Function Remote Controller
logo
Pericom Semiconductor C...
PT8A977P PERICOM-PT8A977P Datasheet
97Kb / 12P
   5-Function Remote Controller
logo
Unisonic Technologies
RCR03 UTC-RCR03 Datasheet
138Kb / 9P
   3 FUNCTION DECODER FOR REMOTE CONTROLLER
logo
Pericom Semiconductor C...
PT8A973 PERICOM-PT8A973 Datasheet
75Kb / 13P
   7-Function Remote Controller
PT8A974LP PERICOM-PT8A974LP Datasheet
70Kb / 12P
   8-Function Remote Controller
PT8A990A PERICOM-PT8A990A Datasheet
326Kb / 9P
   9-Function Remote Controller
PT8A992A PERICOM-PT8A992A Datasheet
325Kb / 9P
   10-Function Remote Controller
logo
Sanyo Semicon Device
LC75421M SANYO-LC75421M Datasheet
392Kb / 24P
   Electronic Volume Controller for Cars
logo
SamHop Microelectronics...
SM-T2 SAMHOP-SM-T2 Datasheet
55Kb / 8P
   REMOTE CONTROLLER WITH FIVE FUNCTION
logo
List of Unclassifed Man...
SPRC205A ETC1-SPRC205A Datasheet
1Mb / 19P
   5-FUNCTION REMOTE CONTROL ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com