Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVTX1100AL Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # MVTX1100AL
Description  9-Port Home PNA Packet Concentrator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MVTX1100AL Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button MVTX1100AL Datasheet HTML 5Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 6Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 7Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 8Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 9Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 10Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 11Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 12Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
MVTX1100
Data Sheet
8
Zarlink Semiconductor Inc.
1.0
Functional Operation
The MVTX1100 was designed to provide a cost-effective layer 2 switching solution, using technology from the
Zarlink family to offer a highly integrated product for the unmanaged, DiffServ ready, Ethernet switching market.
Nine 1/10 Media Access Controllers (MAC) provide the protocol interface into the MVTX1100. These MACs perform
the required packet checks to ensure that each packet provided to the Frame Engine meets all the IEEE 802.1
standards. Data packets longer than 1518 (1522 with VLAN tag) bytes and shorter than 64 bytes are dropped and
MVTX1100 has been designed to support minimum inter-frame gaps between incoming packets.
The PHY addresses for the 8 RMII MACs are from 08h to 0Fh. These eight ports are denoted as ports 0 to 7. The
PHY address for the uplink MAC is 10h. This port is denoted as port 8.
The Frame Engine (FE) is the primary packet buffering and forwarding engine within the MVTX1100. As such, the
FE controls the storage of packets in and out of the external frame buffer memory, keeps track of frame buffer
availability and schedules output packet transmissions. While packet data is being buffered, the FE extracts the
necessary information from each packet header and sends it to the Search Engine for processing. Search results
returned to the FE ensue the scheduling of packet transmission and prioritization. When a packet is chosen for
transmission, the FE reads the packet from external buffer memory and places it in the output FIFO of the output
port.
2.0
Address Learning and Aging
The MVTX1100 is able to begin address learning and packet forwarding shortly after powerup has been completed.
The Search Engine examines the contents of its internal Switch Database Memory for each valid packet received
on an input port.
Unknown source and destination MAC addresses are detected when the Search Engine does not find a match
within its database. These unknown source MAC addresses are learned by creating a new entry in the switch
database memory, and storing the necessary resulting information in that location. Subsequent searches to a
learned destination MAC address will return the new contents of that MAC Control Table (MCT) entry.
After each source address search the MCT entry aging flag is updated. MCT entries that have not been accessed
during a user configurable time period (2 to 67,108 seconds) will be removed. This aging time period can be
configured using the 16-bit value stored in the registers MAC Address Aging Time Low and High (MATL[7:0],
MATH[7:0]). The aging period is defined by the following equation:
{MATH[7:0]&MATL[7:0]} x 1024ms = Tage
The aging of all MCT entries is checked once during each time period. If the MCT entry has not been utilized before
the end of the next time period, it will be deleted.
Note that when the system clock operates at 20 MHz, the aging period will be increased, compared with 50 MHz of
system clock. One should adjust the MATH and MATHL content variable accordingly.
3.0
Quality of Service
The MVTX1100 utilizes Zarlink’s architecture that provides a new level of (QoS) capability to unmanaged switch
applications. Similar in operation to the QoS capabilities of other Zarlink chipset members, MVTX1100 provides two
transmit queues per output port.
The Frame Engine manages the output transmission queues for all the MVTX1100 ports. Once the destination
address search is complete, and the switch decision is passed back to the FE, the packet is inserted into the
appropriate output queue. The packet entry into the high or low priority queue is controlled by either the VLAN tag
information or the Type of Service/Differentiated Service (TOS/DS) field in the IP header. Either of these priority
fields can be used to select the transmission priority, and the mapping of the priority field values into either the high
or low priority queue can be configured using the MVTX1100 configuration registers.


Similar Part No. - MVTX1100AL

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MVTX2601AG ZARLINK-MVTX2601AG Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MVTX2602 ZARLINK-MVTX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2602AG ZARLINK-MVTX2602AG Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2603 ZARLINK-MVTX2603 Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
More results

Similar Description - MVTX1100AL

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HR001K BOTHHAND-HR001K Datasheet
267Kb / 1P
   HOME PNA BANDPASS FILTER
logo
XFMRS Inc.
XF1776A-4HPNA XFMRS-XF1776A-4HPNA Datasheet
71Kb / 1P
   HOME PNA TRANSFORMER
logo
Texas Instruments
SN75LBC088 TI-SN75LBC088 Datasheet
232Kb / 16P
[Old version datasheet]   AUI CONCENTRATOR
logo
Keysight Technologies
N5222A KEYSIGHT-N5222A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5231A KEYSIGHT-N5231A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5224A KEYSIGHT-N5224A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5227A KEYSIGHT-N5227A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5234A KEYSIGHT-N5234A Datasheet
1Mb / 37P
   Keysight 2-Port PNA-L Network Analyzer
logo
Agilent(Hewlett-Packard...
N5230C HP-N5230C Datasheet
989Kb / 32P
   4-Port PNA-L Microwave Network Analyzer
logo
Keysight Technologies
N5232A KEYSIGHT-N5232A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com