Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4954-SL Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA4954-SL
Description  9.9 - 12.5 Gb/s Optical Modulator Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4954-SL Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA4954-SL Datasheet HTML 1Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 2Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 3Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 4Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 5Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 6Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 7Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 8Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
April 4, 2006
3
TABLE III
RF CHARACTERIZATION TABLE
(TA = 25°C, Nominal)
Parameter
Test Conditions
Min
Typ
Max
Units Notes
Small Signal
Bandwidth
8
GHz
Saturated Power
Bandwidth
12
GHz
Small Signal
Gain
0.1, 2, 4 GHz
6 GHz
10 GHz
14 GHz
16 GHz
28
26
24
17
12
34
33
30
25
21
dB
1/
Input Return
Loss
0.1, 2, 4, 6, 10, 14,
16 GHz
10
15
dB
1/
Output Return
Loss
0.1, 2, 4, 6, 10, 14,
16 GHz
10
15
dB
1/
Noise Figure
3 GHz
2.5
dB
Small Signal
AGC Range
Midband
28
dB
Saturated Output
Power
2, 4, 6, 8 & 10 GHz
24
26.5
dBm
6/ 7/
TGA4954-SL
TABLE II
THERMAL INFORMATION
Parameter
Test Conditions
TCH
(
°C)
RΘJC
(
°C/W)
MTTF
(hrs)
RΘJC Thermal Resistance
(Channel to Backside of
Package)
VDD = 5V
IDD = 215mA
PDISS = 1.08W
TBASE = 70°C
92
20.4
>1E6
Note: Thermal transfer is conducted through the bottom of the TGA4954-SL
package into the motherboard. The motherboard must be designed to
assure adequate thermal transfer to the base plate.


Similar Part No. - TGA4954-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
More results

Similar Description - TGA4954-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
   9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM_15 Datasheet
1Mb / 16P
   9.9 to 12.5 Gb/s Linear/Limiting Optical Modulator Driver
logo
Vitesse Semiconductor C...
VSC5529 VITESSE-VSC5529 Datasheet
433Kb / 2P
   9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
logo
TriQuint Semiconductor
TGA8652-SL TRIQUINT-TGA8652-SL_15 Datasheet
1Mb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA8652-EPU-SL TRIQUINT-TGA8652-EPU-SL Datasheet
871Kb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SCC-SL TRIQUINT-TGA4953-SCC-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953 TRIQUINT-TGA4953 Datasheet
920Kb / 13P
   9.9-11.2Gb/s Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com