Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC2GH512NMCA-2SA00 Datasheet(PDF) 76 Page - Samsung semiconductor

Part # MC2GH512NMCA-2SA00
Description  SAMSUNG MultiMediaCard
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC2GH512NMCA-2SA00 Datasheet(HTML) 76 Page - Samsung semiconductor

Back Button MC2GH512NMCA-2SA00 Datasheet HTML 72Page - Samsung semiconductor MC2GH512NMCA-2SA00 Datasheet HTML 73Page - Samsung semiconductor MC2GH512NMCA-2SA00 Datasheet HTML 74Page - Samsung semiconductor MC2GH512NMCA-2SA00 Datasheet HTML 75Page - Samsung semiconductor MC2GH512NMCA-2SA00 Datasheet HTML 76Page - Samsung semiconductor MC2GH512NMCA-2SA00 Datasheet HTML 77Page - Samsung semiconductor MC2GH512NMCA-2SA00 Datasheet HTML 78Page - Samsung semiconductor MC2GH512NMCA-2SA00 Datasheet HTML 79Page - Samsung semiconductor MC2GH512NMCA-2SA00 Datasheet HTML 80Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
MultiMediaCardTM
76
Sep.22.2005
Revision 0.3
The stop transmission command works similar as in the read mode. Figure 6-17 to Figure 6-20 describe the timing of the
stop command in different card states.
Figure 6-17 : Stop Transmission During Data Transfer From The Host
The card will treat a data block as successfully received and ready for programming only if the CRC data of the block was
validated and the CRC status tokens sent back to the host. Figure 6-18 is an example of an interrupted (by a host stop
command) attempt to transmit the CRC status block. The sequence is identical to all other stop transmission examples.
The end bit of the host command is followed, on the data lines, with one more data bit, an end bit and two Z clocks for
switching the bus direction. The received data block, in this case is considered incomplete and will not be programmed.
Figure 6-18 : Stop Transmission During CRC Status Transfer From The Card
All previous examples dealt with the scenario of the host stopping the data transmission during an active data transfer.
The following two diagrams describe a scenario of receiving the stop transmission between data blocks. In the first exam-
ple the card is busy programming the last block while in the second the card is idle. However, there are still unprogrammed
data blocks in the input buffers. These blocks are being programmed as soon as the stop transmission command is
received and the card activates the busy signal.
←⎯ Host Command ⎯→ ← NCR Cycles ⎯→ ←⎯⎯ Card Response ⎯⎯→
←⎯⎯ Host Cmnd
CMD
S T
content
CRC EZ Z P P * * * P S T
content
CRC EZ Z P P S T
Content
←NST
←⎯⎯ Busy (Card is programming) ⎯⎯→
DAT0
D D D D D D D D D D EZ Z S L * * * * * * * * * * * * * * * * * * * EZZZ ZZZ ZZ
DAT1-7 D D D D D D D D D D EZ Z X * * * * * * * * * * * * * * * * * * * * * * X ZZZ ZZZ ZZ
←⎯⎯ Valid Write data ⎯⎯→
←⎯⎯ Host Command ⎯→ ←⎯⎯⎯ NCR Cycles ⎯⎯→ ←⎯⎯ Card Response ⎯⎯→
←⎯ Host Cmnd
CMD
S T
content
CRC EZ Z P
P * * * * * * P
S T
content
CRC EZZ P P S T
Content
Data Block
← CRC Statusa
a.The card CRC status response is interrupted by the host.
←⎯⎯⎯⎯ Busy (Card is programming) ⎯⎯⎯⎯→
DAT0
Data + CRC EZ Z S
CRC
EZ Z S L
* * * * * * * * * * * * * * * * * * * * * *
EZZ ZZZZ ZZ
DAT1-7 Data + CRC EZ Z X
* * *
XZ Z X
* * * * * * * * * * * * * * * * * * * * * * * *
X Z Z ZZZZ ZZ


Similar Part No. - MC2GH512NMCA-2SA00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MC2GU01GNMCA-0QC00 SAMSUNG-MC2GU01GNMCA-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
MC2GU512NMCA-0QC00 SAMSUNG-MC2GU512NMCA-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
More results

Similar Description - MC2GH512NMCA-2SA00

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com