Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12H064NBCA-2SA00 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # MC12H064NBCA-2SA00
Description  SAMSUNG MultiMediaCard
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC12H064NBCA-2SA00 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button MC12H064NBCA-2SA00 Datasheet HTML 17Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 18Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 19Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 20Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 21Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 22Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 23Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 24Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
MultiMediaCardTM
21
Sep.22.2005
Revision 0.3
5.4.8 Bus & Card Interface Timing
Figure 5-5 : Timing Diagram: Data Input/Output
Parameter
Symbol
Min
Max.
Unit
Conditions
Output HIGH voltage
VOH
VDD - 0.2V
V
IOH=-100 µA @VDD min
Output LOW voltage
VOL
0.2V
V
IOL=100 µA @VDD min
Input HIGH voltage
VIH
0.7 * VDD
VDD + 0.3
V
Input LOW voltage
VIL
VSS-0.3
0.3 * VDD
V
Clock
Input
Output
tPP
tWL
tWH
tIH
tTHL
Data must always be sampled on the rising edge of the clock.
tTLH
tISU
Data
Invalid
Data
Data
Invalid
Data
tOH
tOSU
Table 5-8 : Push-Pull Mode Bus Signal Level - Dual Voltage MultiMediCard


Similar Part No. - MC12H064NBCA-2SA00

ManufacturerPart #DatasheetDescription
logo
C&K Components
MC12 CK-COMPONENTS-MC12 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
SL Power Electronics
MC12-3.4-A SLPOWER-MC12-3.4-A Datasheet
374Kb / 7P
   DC Power Supplies
MC12-3.4-A SLPOWER-MC12-3.4-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
Motorola, Inc
MC1200 MOTOROLA-MC1200 Datasheet
192Kb / 4P
   6-INPUT GATES
MC12002 MOTOROLA-MC12002 Datasheet
140Kb / 8P
   ANALOG MIXER
More results

Similar Description - MC12H064NBCA-2SA00

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com