Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12H064NBCA-2SA00 Datasheet(PDF) 87 Page - Samsung semiconductor

Part # MC12H064NBCA-2SA00
Description  SAMSUNG MultiMediaCard
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC12H064NBCA-2SA00 Datasheet(HTML) 87 Page - Samsung semiconductor

Back Button MC12H064NBCA-2SA00 Datasheet HTML 83Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 84Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 85Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 86Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 87Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 88Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 89Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 90Page - Samsung semiconductor MC12H064NBCA-2SA00 Datasheet HTML 91Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
MultiMediaCardTM
87
Sep.22.2005
Revision 0.3
7.13 Error Conditions
7.13.1 CRC and Illegal Command
All commands are (optionally) protected by CRC (cyclic redundancy check) bits. If the addressed MultiMediaCard's CRC
check fails, the COM_CRC_ERROR bit will be set in the card's response. Similarly, if an illegal command has been
received the ILLEGAL_COMMAND bit will be set in the card's response.
There are different kinds of illegal commands:
• Commands which belong to classes not supported by the MultiMediaCard (e.g. interrupt and I/O commands).
• Commands not allowed in SPI mode (e.g. CMD20 - write stream)
• Commands which are not defined (e.g. CMD47).
7.13.2 Read, Write, Erase And Force Erase Time-out Conditions
The time period after which a time-out condition for read/write/erase operations occurs are (card independent) 10 times
longer than the typical access/program times for these operations given below. A card shall complete the command within
this time period, or give up and return an error message. If the host does not get a response within the defined time-out it
should assume the card is not going to respond any more and try to recover (e.g. reset the card, power cycle, reject, etc.).
The typical access and program times are defined as follows:
7.13.3 Read
The read access time is defined as the sum of the two times given by the CSD parameters TAAC and NSAC. These card
parameters define the typical delay between the end bit of the read command and the start bit of the data block. This num-
ber is card dependent.
7.13.4 Write
The R2W_FACTOR field in the CSD is used to calculate the typical block program time obtained by multiplying the read
access time by this factor. It applies to all write/erase commands (e.g. SET(CLEAR)_WRITE_PROTECT,
PROGRAM_CSD(CID) and the block write commands).
7.13.5 Erase
The duration of an erase command will be (order of magnitude) the number of write blocks to be erased multiplied by the
block write delay.
7.13.6 Force Erase
The Force Erase time-out is specified in Chapter 6.5.2


Similar Part No. - MC12H064NBCA-2SA00

ManufacturerPart #DatasheetDescription
logo
C&K Components
MC12 CK-COMPONENTS-MC12 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
SL Power Electronics
MC12-3.4-A SLPOWER-MC12-3.4-A Datasheet
374Kb / 7P
   DC Power Supplies
MC12-3.4-A SLPOWER-MC12-3.4-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
Motorola, Inc
MC1200 MOTOROLA-MC1200 Datasheet
192Kb / 4P
   6-INPUT GATES
MC12002 MOTOROLA-MC12002 Datasheet
140Kb / 8P
   ANALOG MIXER
More results

Similar Description - MC12H064NBCA-2SA00

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com