Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1391646 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1391646
Description  PCB connector - PC 5/ 3-STF1-15,24
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1391646 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1391646 Datasheet HTML 1Page - PHOENIX CONTACT 1391646 Datasheet HTML 2Page - PHOENIX CONTACT 1391646 Datasheet HTML 3Page - PHOENIX CONTACT 1391646 Datasheet HTML 4Page - PHOENIX CONTACT 1391646 Datasheet HTML 5Page - PHOENIX CONTACT 1391646 Datasheet HTML 6Page - PHOENIX CONTACT 1391646 Datasheet HTML 7Page - PHOENIX CONTACT 1391646 Datasheet HTML 8Page - PHOENIX CONTACT 1391646 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB connector, nominal cross section: 6 mm2, color: black, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Tin, type of contact: Female connector, number of rows: 1,
number of positions: 3, product range: PC 5/..-STF1, pitch: 15.24 mm, connection method:
Screw connection with tension sleeve, screw head form: Z1L Slotted Pozidriv, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 5,
locking: Screw locking, mounting: Screw flange, type of packaging: packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
Low temperature rise, thanks to maximum contact force
Allows connection of two conductors
Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
Screwable flange for superior mechanical stability
Commercial Data
Item number
1391646
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to Order (non-returnable)
Product Key
AADABC
GTIN
4063151772109
Weight per Piece (including packing)
2.22 g
Weight per Piece (excluding packing)
2.22 g
Customs tariff number
85366990
Country of origin
DE
PCB connector - PC 5/ 3-STF1-15,24
1391646
https://www.phoenixcontact.com/us/products/1391646
Jul 20, 2022, 4:32 AM
Page 1 (10)


Similar Part No. - 1391646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1391645 PHOENIX-1391645 Datasheet
346Kb / 10P
   PCB connector - PC 5/ 2-STF1-15,24
Jul 20, 2022
1391647 PHOENIX-1391647 Datasheet
344Kb / 10P
   PCB connector - PC 5/ 5-STF1-15,24
Jul 20, 2022
1391648 PHOENIX-1391648 Datasheet
344Kb / 10P
   PCB connector - PC 5/ 6-STF1-15,24
Jul 20, 2022
More results

Similar Description - 1391646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1391647 PHOENIX-1391647 Datasheet
344Kb / 10P
   PCB connector - PC 5/ 5-STF1-15,24
Jul 20, 2022
1395140 PHOENIX-1395140 Datasheet
345Kb / 10P
   PCB connector - PC 5/ 4-STF1-15,24
Jul 20, 2022
1391645 PHOENIX-1391645 Datasheet
346Kb / 10P
   PCB connector - PC 5/ 2-STF1-15,24
Jul 20, 2022
1391648 PHOENIX-1391648 Datasheet
344Kb / 10P
   PCB connector - PC 5/ 6-STF1-15,24
Jul 20, 2022
1777846 PHOENIX-1777846 Datasheet
911Kb / 17P
   PCB connector - PC 5/ 3-STF1-7,62
Jul 21, 2022
1777859 PHOENIX-1777859 Datasheet
911Kb / 17P
   PCB connector - PC 5/ 4-STF1-7,62
Jul 21, 2022
1392187 PHOENIX-1392187 Datasheet
339Kb / 8P
   PCB header - PCV 5/ 3-GF-15,24
Jul 20, 2022
1783940 PHOENIX-1783940 Datasheet
92Kb / 5P
   PC 5/ 4-STF1-7,62 BK
1777862 PHOENIX-1777862 Datasheet
297Kb / 14P
   Printed-circuit board connector - PC 5/ 5-STF1-7,62
1783924 PHOENIX-1783924 Datasheet
102Kb / 4P
   PC 5/ 4-STF1-7,62 BG
11/04/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com