Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1991ACDD Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT1991ACDD
Description  Precision, 100UA Gain Selectable Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1991ACDD Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT1991ACDD Datasheet HTML 1Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 2Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 3Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 4Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 5Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 6Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 7Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 8Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT1991
2
1991fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆G
Gain Error
VS = ±15V, VOUT = ±10V; RL = 10k
G = 1; LT1991A
±0.04
%
G = 1; LT1991
±0.08
%
G = 3 or 9; LT1991A
±0.06
%
G = 3 or 9; LT1991
±0.12
%
GNL
Gain Nonlinearity
VS = ±15V; VOUT = ±10V; RL = 10k
1
10
ppm
∆G/∆T
Gain Drift vs Temperature (Note 6)
VS = ±15V; VOUT = ±10V; RL = 10k
0.3
3
ppm/°C
CMRR
Common Mode Rejection Ratio,
VS = ±15V; VCM = ±15.2V
Referred to Inputs (RTI)
G = 9; LT1991A
80
100
dB
G = 3; LT1991A
75
93
dB
G = 1; LT1991A
75
90
dB
Any Gain; LT1991
60
70
dB
VCM
Input Voltage Range (Note 7)
P1/M1 Inputs
VS = ±15V; VREF = 0V
–28
27.6
V
VS = 5V, 0V; VREF = 2.5V
–0.5
5.1
V
VS = 3V, 0V; VREF = 1.25V
0.75
2.35
V
ABSOLUTE
AXI U
RATI GS
(Note 1)
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Difference amplifier configuration, VS = 5V, 0V or ±15V;
VCM = VREF = half supply, unless otherwise noted.
Total Supply Voltage (V+ to V) ............................... 40V
Input Voltage (Pins P1/M1, Note 2) ....................... ±60V
Input Voltage
(Other inputs Note 2).............. V+ + 0.2V to V– 0.2V
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ...–40°C to 85°C
Specified Temperature Range (Note 5) ....–40°C to 85°C
ORDER PART
NUMBER
DD PART MARKING*
TJMAX = 150°C, θJA = 230°C/W
LBMM
LT1991CDD
LT1991IDD
LT1991ACDD
LT1991AIDD
*Temperature and electrical grades are identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
Maximum Junction Temperature
DD Package ...................................................... 125°C
MS Package ..................................................... 150°C
Storage Temperature Range
DD Package .......................................–65°C to 125°C
MS Package ......................................–65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
MS PART MARKING*
LTQD
LT1991CMS
LT1991IMS
LT1991ACMS
LT1991AIMS
EXPOSED PAD CONNECTED TO VEE PCB
CONNECTION OPTIONAL
TJMAX = 125°C, θJA = 160°C/W
PACKAGE/ORDER I FOR ATIO
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
M1
M3
M9
VCC
OUT
P1
P3
P9
VEE
REF
1
2
3
4
5
P1
P3
P9
VEE
REF
10
9
8
7
6
M1
M3
M9
VCC
OUT
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP


Similar Part No. - LT1991ACDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1991ACDD-PBF LINER-LT1991ACDD-PBF Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
LT1991ACDD-TRPBF LINER-LT1991ACDD-TRPBF Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
More results

Similar Description - LT1991ACDD

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
   Precision, 100uA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
logo
TriQuint Semiconductor
TQHBT TRIQUINT-TQHBT Datasheet
262Kb / 5P
   Precision, 100UA Gain Selectable Amplifier
TQHIP TRIQUINT-TQHIP Datasheet
119Kb / 4P
   Precision, 100UA Gain Selectable Amplifier
TQPED TRIQUINT-TQPED Datasheet
100Kb / 3P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
logo
Analog Devices
LT1997-3 AD-LT1997-3 Datasheet
1Mb / 38P
   Precision, Wide Voltage Range Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com