Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1991ACDD Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LT1991ACDD
Description  Precision, 100UA Gain Selectable Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1991ACDD Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LT1991ACDD Datasheet HTML 7Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 8Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 9Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 10Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 11Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 12Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 13Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 14Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT1991
11
1991fb
Table 1. Configuring the M Pins for Simple Noninverting Gains.
The P Inputs are driven as shown in the examples on the next
page
M9, M3, M1 Connection
Gain
M9
M3
M1
1
Output
Output
Output
1.077
Output
Output
Ground
1.1
Output
Float
Ground
1.25
Float
Output
Ground
1.273
Output
Ground
Output
1.3
Output
Ground
Float
1.4
Output
Ground
Ground
2
Float
Float
Ground
2.5
Float
Ground
Output
2.8
Ground
Output
Output
3.25
Ground
Output
Float
3.5
Ground
Output
Ground
4
Float
Ground
Float
5
Float
Ground
Ground
5.5
Ground
Float
Output
7
Ground
Ground
Output
10
Ground
Float
Float
11
Ground
Float
Ground
13
Ground
Ground
Float
14
Ground
Ground
Ground
APPLICATIO S I FOR ATIO


Similar Part No. - LT1991ACDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1991ACDD-PBF LINER-LT1991ACDD-PBF Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
LT1991ACDD-TRPBF LINER-LT1991ACDD-TRPBF Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
More results

Similar Description - LT1991ACDD

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
   Precision, 100uA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
logo
TriQuint Semiconductor
TQHBT TRIQUINT-TQHBT Datasheet
262Kb / 5P
   Precision, 100UA Gain Selectable Amplifier
TQHIP TRIQUINT-TQHIP Datasheet
119Kb / 4P
   Precision, 100UA Gain Selectable Amplifier
TQPED TRIQUINT-TQPED Datasheet
100Kb / 3P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
logo
Analog Devices
LT1997-3 AD-LT1997-3 Datasheet
1Mb / 38P
   Precision, Wide Voltage Range Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com