Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C632A-5PQ Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IS61C632A-5PQ
Description  32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61C632A-5PQ Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IS61C632A-5PQ Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61C632A-5PQ Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61C632A-5PQ Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61C632A-5PQ Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61C632A-5PQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61C632A-5PQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61C632A-5PQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61C632A-5PQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61C632A-5PQ Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IS61C632A
4
Integrated Circuit Solution Inc.
SSR001-0B
TRUTH TABLE
ADDRESS
OPERATION
USED
CE1
CE1
CE1
CE1
CE1
CE2
CE3
CE3
CE3
CE3
CE3
ADSP
ADSP
ADSP
ADSP
ADSP ADSC
ADSC
ADSC
ADSC
ADSC ADV
ADV
ADV
ADV
ADV WRITE
WRITE
WRITE
WRITE
WRITE
OE
OE
OE
OE
OE
DQ
Deselected, Power-down
None
H
X
X
X
L
X
X
X
High-Z
Deselected, Power-down
None
L
L
X
L
XXXX
High-Z
Deselected, Power-down
None
L
X
H
L
XXXX
High-Z
Deselected, Power-down
None
L
L
X
H
L
X
X
X
High-Z
Deselected, Power-down
None
L
X
H
H
L
X
X
X
High-Z
Read Cycle, Begin Burst
External
L
H
L
L
X
X
X
L
Q
Read Cycle, Begin Burst
External
L
H
L
L
X
X
X
H
High-Z
Write Cycle, Begin Burst
External
L
H
L
H
L
X
L
X
D
Read Cycle, Begin Burst
External
L
H
L
H
L
X
H
L
Q
Read Cycle, Begin Burst
External
L
H
L
H
L
X
H
H
High-Z
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
L
Q
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
H
High-Z
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
L
Q
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
H
High-Z
Write Cycle, Continue Burst
Next
X
X
X
H
H
L
L
X
D
Write Cycle, Continue Burst
Next
H
X
X
X
H
L
L
X
D
Read Cycle, Suspend Burst
Current
X
X
X
HHHH
L
Q
Read Cycle, Suspend Burst
Current
X
X
X
HHHHH
High-Z
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
L
Q
Read Cycle, Suspend Burst
Current
H
X
X
X
HHHH
High-Z
Write Cycle, Suspend Burst
Current
X
X
X
H
H
H
L
X
D
Write Cycle, Suspend Burst
Current
H
X
X
X
H
H
L
X
D
Notes:
1.
All inputs except
OE must meet setup and hold times for the Low-to-High transition of clock (CLK).
2.
Wait states are inserted by suspending burst.
3.
X means don't care.
WRITE=L means any one or more byte write enable signals (BW1-BW4) and BWE are LOW or GW is
LOW.
WRITE=H means all byte write enable signals are HIGH.
4.
For a Write operation following a Read operation,
OE must be HIGH before the input data required setup time and held HIGH
throughout the input data hold time.
5.
ADSP LOW always initiates an internal READ at the Low-to-High edge of clock. A WRITE is performed by setting one or more
byte write enable signals and
BWE LOW or GW LOW for the subsequent L-H edge of clock.
PARTIAL TRUTH TABLE
FUNCTION
GW
BWE
BW1
BW2
BW3 BW4
READ
H
H
X
X
X
X
READ
H
X
H
H
H
H
WRITE Byte 1
H
L
L
H
H
H
WRITE All Bytes
X
LLLL
L
WRITE All Bytes
L
XXXX
X


Similar Part No. - IS61C632A-5PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-10K ISSI-IS61C6416-10K Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-10T ISSI-IS61C6416-10T Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-12K ISSI-IS61C6416-12K Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-12KI ISSI-IS61C6416-12KI Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C632A-5PQ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
   32K x 32 SYNCHRONOUS FAST STATIC RAM
logo
Integrated Device Techn...
IDT71F432 IDT-IDT71F432 Datasheet
40Kb / 5P
   32k X 32 mcACHE synchronous pipelined cache ram
logo
Motorola, Inc
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Device Techn...
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
   HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Motorola, Inc
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
logo
Motorola, Inc
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com