Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH1838A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CH1838A
Description  CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH1838A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CH1838A Datasheet HTML 1Page - List of Unclassifed Manufacturers CH1838A Datasheet HTML 2Page - List of Unclassifed Manufacturers CH1838A Datasheet HTML 3Page - List of Unclassifed Manufacturers CH1838A Datasheet HTML 4Page - List of Unclassifed Manufacturers CH1838A Datasheet HTML 5Page - List of Unclassifed Manufacturers CH1838A Datasheet HTML 6Page - List of Unclassifed Manufacturers CH1838A Datasheet HTML 7Page - List of Unclassifed Manufacturers CH1838A Datasheet HTML 8Page - List of Unclassifed Manufacturers CH1838A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CH1837A/7F/8A Data Access Arrangement Module
V.34bis High Speed DAA Module
2002 Cermetek Microelectronics, Inc.
Page 1
Document No. 607-0014 Revision C2 (12/02)
INTRODUCTION
The Cermetek CH1837A/F Data Access Arrangement
(DAA)
is
designed
to
meet
the performance
requirements of 33.6Kbps modems, such as V.34bis,
for embedded applications. The CH1837A/F meets or
exceeds the requirements for V.34 and can be used in
lower speed applications as well. The isolation voltage
and surge protection meets, as a minimum, North
American UL1950 Edition 3 (USA) and CSA C22.2
950 (Canada) requirements. Further, the CH1837A/F
has been tested to meet FCC Part 68 and is Canadian
DOT CSA CS-03 Part I approvable.
The CH1837A/F is compatible with all popular V.34bis
modem/fax chip sets.
Application examples are
included in this datasheet. The CH1837A/F offers a
Quick-to-Market DAA solution for high performance
modem designs.
The CH1837A/F is exceptionally well suited for voice-
over-data (VoIP) and other internet-based telephony
and data communication applications.
For those applications not requiring a two to four wire
hybrid converter circuit, the CH1838A provides all the
features of the CH1837A/F (except the hybrid
converter) while offering some cost savings. Note that
the CH1838A is a special order product only. Consult
Cermetek for availability and delivery.
FEATURES
• Low Profile
• Complete DAA function
• Compatible with most popular V.34bis modem chip
sets
• Ring detection circuitry included
• Built-in 2-wire to 4-wire conversion circuitry
(CH1837A/F only)
• UL1950 Edition 3 Listed and CSA C22.2 950
Compliant
• 1500 VAC RMS Isolation
• 2122V peak surge protection
• +5V low power operation
• Differential transmission, VoIP applications
• Compatible with V.34bis, V.32bis, V.32, V.22bis,
and V.22
• FCC Part 68 (USA) and DOT CSA CS-03 Part I
(Canada) Approvable
DESCRIPTION OF FUNCTIONAL BLOCKS
AND DISCUSSION OF BASIC OPERATIONS
Figure 1 contains a functional block drawing of the
CH1837A/F. Each CH1837A/F product consists of:
1) Isolation barrier.
2) Off-Hook Switch/Ring Detect circuit.
3) PSTN Line Surge and High Voltage Protection
circuitry.
4) 2-to-4 Wire Conversion circuit.
Figure 1. Function Block Diagram of CH1837A/F.
Figure 2 contains a functional block drawing of the
CH1838A. Each CH1838A product consists of:
1) Isolation Barrier.
2) Off-hook Switch/Ring Detect circuit.
3) PSTN Line surge and High Voltage Protection
Circuitry.
Figure 2. Function Block Diagram of CH1838A.
RING
XMIT+
XMIT-
RCV
Vcc
VND
TIP
T2
T1
RI
OFFHK
ISOLATION
SURGE AND
PROTECTION
CIRCUITRY
HYBRID
2W/4W
CONVERTER
RING DET.
OFF HOOK
SWITCH
RING
N/C
Vcc
VND
TIP
T2
T1
RI
OFFHK
ISOLATION
SURGE AND
PROTECTION
CIRCUITRY
RING DET.
OFF HOOK
SWITCH
N/C


Similar Part No. - CH1838A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH1817 ETC1-CH1817 Datasheet
443Kb / 7P
   Family of Low Profile DAA Modules
CH1817-D ETC1-CH1817-D Datasheet
443Kb / 7P
   Family of Low Profile DAA Modules
CH1817-DM ETC1-CH1817-DM Datasheet
443Kb / 7P
   Family of Low Profile DAA Modules
CH1817-L ETC1-CH1817-L Datasheet
443Kb / 7P
   Family of Low Profile DAA Modules
CH1817-LM ETC1-CH1817-LM Datasheet
443Kb / 7P
   Family of Low Profile DAA Modules
More results

Similar Description - CH1838A

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
   Data Access Arrangement (DAA) Module
logo
List of Unclassifed Man...
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
   Low Profile Data Access Arrangement (DAA) Modules
logo
Clare, Inc.
CPC5610 CLARE-CPC5610 Datasheet
730Kb / 18P
   LITELINK??II Silicon Data Access Arrangement (DAA) IC
logo
Nais(Matsushita Electri...
AQS210PS NAIS-AQS210PS Datasheet
101Kb / 4P
   DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
logo
List of Unclassifed Man...
XE0046 ETC-XE0046 Datasheet
22Kb / 6P
   High-Performance Quad DAA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com