Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF4320H Datasheet(PDF) 20 Page - Texas Instruments

Part # CF4320H
Description  CompactFlasH-TM BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CF4320H Datasheet(HTML) 20 Page - Texas Instruments

Back Button CF4320H Datasheet HTML 16Page - Texas Instruments CF4320H Datasheet HTML 17Page - Texas Instruments CF4320H Datasheet HTML 18Page - Texas Instruments CF4320H Datasheet HTML 19Page - Texas Instruments CF4320H Datasheet HTML 20Page - Texas Instruments CF4320H Datasheet HTML 21Page - Texas Instruments CF4320H Datasheet HTML 22Page - Texas Instruments CF4320H Datasheet HTML 23Page - Texas Instruments CF4320H Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
www.ti.com
Switching Characteristics
CF4320H
CompactFlash™ BUS-INTERFACE CHIP
WITH
±15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
SCES655 – APRIL 2006
over recommended operating free-air temperature range (SA10–SA00, SCE1, SCE2, SIORD, SIOWR, SOE, SREG, SWE)
(see Figure 1)
–40
°C to
TA = 25°C
FROM
TO
TEST
85
°C
PARAMETER
VCC_S
VCC_CF
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
TYP MAX
MIN MAX
3.3 V
± 0.3 V
3.4
6.1
9.8
2.5
10.4
1.8 V
±
0.15 V
5 V
± 0.5 V
3
5.8
9.7
2.4
10.2
MASTER_EN
3.3 V
± 0.3 V
2.6
4.5
6.7
1.8
8.4
CF output
2.5 V
±
= BUF_EN =
(control)
0.2 V
5 V
± 0.5 V
2.4
4.1
6
1.7
6.8
VIL
3.3 V
± 0.3 V
2.2
3.9
5.8
1.4
7
3.3 V
±
0.3 V
5 V
± 0.5 V
2
3.5
5
1.3
5.8
tpd
S input
ns
3.3 V
± 0.3 V
3.4
5.7
8.7
2.8
10.3
1.8 V
±
0.15 V
5 V
± 0.5 V
3.3
5.4
8.2
2.8
9.7
MASTER_EN
3.3 V
± 0.3 V
2.9
4.3
6.2
1.9
8.4
CF output
2.5 V
±
= BUF_EN =
(A pins)
0.2 V
5 V
± 0.5 V
2.7
3.9
5.4
1.9
6.8
VIL
3.3 V
± 0.3 V
2.6
3.7
5.2
1.7
7
3.3 V
± 0.3 V
5 V
± 0.5 V
2.3
3.3
4.4
1.5
5.8
3.3 V
± 0.3 V
10.8
17.9
24.8
7.9
29.7
1.8 V
± 0.15 V
5 V
± 0.5 V
10.8
17.5
26.2
8.1
30.2
3.3 V
± 0.3 V
9.4
14.2
19.4
6.4
23.3
CF output
ten
MASTER_EN
BUF_EN = VIL
2.5 V
± 0.2 V
ns
(control)
5 V
± 0.5 V
9.4
14.1
19.3
6.6
23.1
3.3 V
± 0.3 V
8.7
13.1
17.8
5.8
21.4
3.3 V
± 0.3 V
5 V
± 0.5 V
8.7
13
17.5
6
21.2
3.3 V
± 0.3 V
7.3
13.8
22.5
6.2
25.8
1.8 V
± 0.15 V
5 V
± 0.5 V
6.8
12.1
19.7
5.9
26.3
3.3 V
± 0.3 V
6.1
11.8
19.2
4.9
20.2
CF output
tdis
MASTER_EN
BUF_EN = VIL
2.5 V
± 0.2 V
ns
(control)
5 V
± 0.5 V
5.9
10
16.3
4.6
19.8
3.3 V
± 0.3 V
5.6
11
18.3
4.6
19.1
3.3 V
± 0.3 V
5 V
± 0.5 V
5.4
9.2
15.5
3.9
18
3.3 V
± 0.3 V
12.9
17.5
23.7
7.7
29.7
1.8 V
± 0.15 V
5 V
± 0.5 V
13.3
17.8
24.4
9.4
30.2
3.3 V
± 0.3 V
11.7
14.4
17.9
7.5
23.3
CF output
MASTER_EN
ten
BUF_EN
2.5 V
± 0.2 V
ns
(A pins)
= VIL
5 V
± 0.5 V
11.8
14.3
17.1
7.7
23.1
3.3 V
± 0.3 V
11
13.3
16.2
6.9
21.4
3.3 V
± 0.3 V
5 V
± 0.5 V
11.1
13.2
15.3
6.5
21.2
3.3 V
± 0.3 V
8.9
13.6
19.7
7.5
25.8
1.8 V
± 0.15 V
5 V
± 0.5 V
7.6
11.8
17.1
6.6
26.3
3.3 V
± 0.3 V
8
11.6
16
6.6
20.1
CF output
MASTER_EN
tdis
BUF_EN
2.5 V
± 0.2 V
ns
(A pins)
= VIL
5 V
± 0.5 V
6.7
9.7
13.2
5
19.8
3.3 V
± 0.3 V
7.7
10.6
14.7
6
18.2
3.3 V
± 0.3 V
5 V
± 0.5 V
6.1
8.9
11.9
4.9
18
3.3 V
± 0.3 V
12.3
16.4
21.9
7.7
27.2
1.8 V
± 0.15 V
5 V
± 0.5 V
12.6
16.7
22.6
8.6
29.1
3.3 V
± 0.3 V
11.2
13.8
17
7.1
21.7
CF output
MASTER_EN
ten
BUF_EN
2.5 V
± 0.2 V
ns
(A pins)
= VIL
5 V
± 0.5 V
11.4
13.7
16.3
7.3
21.5
3.3 V
± 0.3 V
10.7
12.9
15.6
6.7
19.5
3.3 V
± 0.3 V
5 V
± 0.5 V
10.8
12.8
14.8
6.5
19.6
20
Submit Documentation Feedback


Similar Part No. - CF4320H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CF4320H TI-CF4320H Datasheet
593Kb / 29P
[Old version datasheet]   CompactFlash??BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
CF4320HGKFR TI-CF4320HGKFR Datasheet
593Kb / 29P
[Old version datasheet]   CompactFlash??BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
CF4320HZKFR TI-CF4320HZKFR Datasheet
593Kb / 29P
[Old version datasheet]   CompactFlash??BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
CF4320H TI-CF4320H_09 Datasheet
593Kb / 29P
[Old version datasheet]   CompactFlash??BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
More results

Similar Description - CF4320H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CF4320H TI-CF4320H_09 Datasheet
593Kb / 29P
[Old version datasheet]   CompactFlash??BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
SN65C1167E TI-SN65C1167E Datasheet
741Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
TPD4E002 TI1-TPD4E002_14 Datasheet
614Kb / 12P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002 TI-TPD4E002_10 Datasheet
306Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002 TI-TPD4E002 Datasheet
237Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
logo
Analog Devices
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
logo
STMicroelectronics
ST1284 STMICROELECTRONICS-ST1284_12 Datasheet
212Kb / 10P
   Parallel port single termination network with 짹15 kV ESD protection
logo
Analog Devices
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com