Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BB505C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. BB505C
Description  Build in Biasing Circuit MOS FET IC UHF RF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

BB505C Datasheet(HTML) 4 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BB505C
Rev.1.00, Jun.14.2004, page 4 of 8
Main Characteristics
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate1 Voltage VG1 (V)
Drain Current vs. Gate1 Voltage
Gate1 Voltage VG1 (V)
Forward Transfer Admittance
vs. Gate1 Voltage
Maximum Channel Power Dissipation Curve
Ambient Temperature Ta (
°C)
* Value on the glass epoxy board (50mm
× 40mm × 1mm)
Gate Resistance RG (kΩ)
Drain Current vs. Gate Resistance
Gate2 to Source Voltage VG2S (V)
Input Capacitance vs.
Gate2 to Source Voltage
400
300
200
100
0
50
100
150
200
0
1
234
5
VDS = 5 V
RG = 220 kΩ
2 V
VG2S = 1 V
20
15
10
5
3 V
4 V
0
100
200
500
1000
VDS = 5 V
VG1 = 5 V
VG2S = 4 V
5
10
15
20
0
1
234
5
20
VG2S = 4 V
VG1 = VDS
220
kΩ
270
kΩ
330
kΩ
15
10
5
50
40
30
20
10
0
12
34
5
VG2S = 1 V
4 V
3 V
2 V
VDS = 5 V
VG1 = 5V
RG = 220 kΩ
f = 1 kHz
0
1
2
34
4
3
2
1
0
VDS = 5 V
VG1 = 5 V
RG = 220 kΩ
f = 1 MHz


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn