Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV032A Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI90LV032A
Description  3V LVDS High-Speed Differential Line Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV032A Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI90LV032A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV032A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV032A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV032A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV032A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV032A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV032A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV032A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV032A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8422B
09/15/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV031A / PI90LV027A / PI90LV017A
3V LVDS High-Speed Differential Line Drivers
FunctionTables
Pin Descriptions
s
e
l
b
a
n
Et
u
p
n
Is
t
u
p
t
u
O
N
EN
ED N
I
D
+
T
U
O
D
T
U
O
HXH
H
L
HX
L
L
H
XL
H
H
L
XL
L
L
H
LH
X
Z
Z
PI90LV031A
PI90LV027A
t
u
p
n
Is
t
u
p
t
u
O
D N
I
D
+
T
U
O
D
-
T
U
O
HH
L
LL
H
t
u
p
n
Is
t
u
p
t
u
O
D N
I
D
+
T
U
O
D
-
T
U
O
HH
L
LL
H
PI90LV017A
e
m
a
Nn
o
i
t
p
i
r
c
s
e
D
D N
I
s
n
i
p
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
D +
O
s
n
i
p
t
u
p
t
u
o
r
e
v
i
r
d
g
n
it
r
e
v
n
i
-
n
o
N
D
O
s
n
i
p
t
u
p
t
u
o
r
e
v
i
r
d
g
n
it
r
e
v
n
I
D
N
Gn
i
p
d
n
u
o
r
G
V C
C
%
0
1
±
V
3
.
3
+
,
n
i
p
y
l
p
p
u
s
r
e
w
o
p
e
v
it
i
s
o
P
RecommendedOperatingConditions
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
V
(
C
C )
0
.
3
+3
.
3
+6
.
3
+V
ri
A
e
e
r
F
g
n
it
a
r
e
p
O
e
r
u
t
a
r
e
p
m
e
T
0
4
–5
2
+5
8
+C
°
Supply Voltage (VCC) ........................................... –0.3Vto+4.0V
Input Voltage (DIN) .................................... –0.3Vto(VCC+0.3V)
Enable Input Voltage (EN, EN*) ................. –0.3Vto(VCC+0.3V)
Output Voltage (DOUT+, DOUT-) ......................... –0.3Vto+3.9V
Short Circuit Duration
(DOUT+, DOUT-) ..................................................... Continuous
S Package ........................................................................ 750mW
Derate S Package .................................... 8.5mW/°Cabove+25°C
Storage Temperature Range ............................... -65°Cto+150°C
Lead Temperature Range Soldering (4s) .......................... +260°C
Maximum Junction Temperature ...................................... +150°C
ESDRating ..........................................................................
≥6kV
Note:
Stresses greater than those listed under Absolute Maximum Rat-
ings may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Absolute Maximum Ratings (see Note 1, Page 4)


Similar Part No. - PI90LV032A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV032A PERICOM-PI90LV032A Datasheet
482Kb / 9P
   3V LVDS High-Speed Differential Line Receivers
PI90LV032ALE PERICOM-PI90LV032ALE Datasheet
482Kb / 9P
   3V LVDS High-Speed Differential Line Receivers
PI90LV032AWE PERICOM-PI90LV032AWE Datasheet
482Kb / 9P
   3V LVDS High-Speed Differential Line Receivers
More results

Similar Description - PI90LV032A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV031ALEX PERICOM-PI90LV031ALEX Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV032A PERICOM-PI90LV032A Datasheet
482Kb / 9P
   3V LVDS High-Speed Differential Line Receivers
PI90LV047A PERICOM-PI90LV047A Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
PI90LV179 PERICOM-PI90LV179 Datasheet
242Kb / 14P
   3.3V LVDS High-Speed Differential Line Drivers and Receivers
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
DS90LT012AH TI1-DS90LT012AH_15 Datasheet
779Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Differential Line Receiver
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com