Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI90LV031A Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part No. PI90LV031A
Description  3V LVDS High-Speed Differential Line Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV031A Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI90LV031A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8422B
09/15/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV031A / PI90LV027A / PI90LV017A
3V LVDS High-Speed Differential Line Drivers
FunctionTables
Pin Descriptions
s
e
l
b
a
n
Et
u
p
n
Is
t
u
p
t
u
O
N
EN
ED N
I
D
+
T
U
O
D
T
U
O
HXH
H
L
HX
L
L
H
XL
H
H
L
XL
L
L
H
LH
X
Z
Z
PI90LV031A
PI90LV027A
t
u
p
n
Is
t
u
p
t
u
O
D N
I
D
+
T
U
O
D
-
T
U
O
HH
L
LL
H
t
u
p
n
Is
t
u
p
t
u
O
D N
I
D
+
T
U
O
D
-
T
U
O
HH
L
LL
H
PI90LV017A
e
m
a
Nn
o
i
t
p
i
r
c
s
e
D
D N
I
s
n
i
p
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
D +
O
s
n
i
p
t
u
p
t
u
o
r
e
v
i
r
d
g
n
it
r
e
v
n
i
-
n
o
N
D
O
s
n
i
p
t
u
p
t
u
o
r
e
v
i
r
d
g
n
it
r
e
v
n
I
D
N
Gn
i
p
d
n
u
o
r
G
V C
C
%
0
1
±
V
3
.
3
+
,
n
i
p
y
l
p
p
u
s
r
e
w
o
p
e
v
it
i
s
o
P
RecommendedOperatingConditions
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
V
(
C
C )
0
.
3
+3
.
3
+6
.
3
+V
ri
A
e
e
r
F
g
n
it
a
r
e
p
O
e
r
u
t
a
r
e
p
m
e
T
0
4
–5
2
+5
8
+C
°
Supply Voltage (VCC) ........................................... –0.3Vto+4.0V
Input Voltage (DIN) .................................... –0.3Vto(VCC+0.3V)
Enable Input Voltage (EN, EN*) ................. –0.3Vto(VCC+0.3V)
Output Voltage (DOUT+, DOUT-) ......................... –0.3Vto+3.9V
Short Circuit Duration
(DOUT+, DOUT-) ..................................................... Continuous
S Package ........................................................................ 750mW
Derate S Package .................................... 8.5mW/°Cabove+25°C
Storage Temperature Range ............................... -65°Cto+150°C
Lead Temperature Range Soldering (4s) .......................... +260°C
Maximum Junction Temperature ...................................... +150°C
ESDRating ..........................................................................
≥6kV
Note:
Stresses greater than those listed under Absolute Maximum Rat-
ings may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Absolute Maximum Ratings (see Note 1, Page 4)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PI90LVB179 3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers 1  2  3  4  5  More Pericom Semiconductor Corporation
PI90LV179 3.3V LVDS High-Speed Differential Line Drivers and Receivers 1  2  3  4  5  More Pericom Semiconductor Corporation
SN65LVDM179 HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1  2  3  4  5  More Texas Instruments
PI90LV3486 LVDS High-Speed Differential Line Receivers 1  2  3  4  5  More Pericom Semiconductor Corporation
SN65LVDM050-Q1 HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1  2  3  4  5  More Texas Instruments
SN55LVDS31 HIGH-SPEED DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
PI90LV047A 3V LVDS Quad Flow-Through Differential Line Drivers 1  2  3  4  5  More Pericom Semiconductor Corporation
SN65LVDS1050 HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1  2  3  4  5  More Texas Instruments
SN65LVDS179 HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1  2  3  4  5  More Texas Instruments
SN65LVDS387 HIGH-SPEED DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn