Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI90LV031A Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part No. PI90LV031A
Description  3V LVDS High-Speed Differential Line Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV031A Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI90LV031A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV031A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PS8422B
09/15/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV031A / PI90LV027A / PI90LV017A
3V LVDS High-Speed Differential Line Drivers
Parameter Measurement Information
Figure 1. Driver VOD and VOS Test Circuit
Figure 2. Driver Propagation Delay and Transition Time Test Circuit
VOS
RL/2
RL/2
S1
VCC
DIN
GND
D
DOUT-
Driver ENABLED
DOUT+
VOD


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PI90LVB179 3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers 1  2  3  4  5  More Pericom Semiconductor Corporation
PI90LV179 3.3V LVDS High-Speed Differential Line Drivers and Receivers 1  2  3  4  5  More Pericom Semiconductor Corporation
SN65LVDM179 HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1  2  3  4  5  More Texas Instruments
PI90LV3486 LVDS High-Speed Differential Line Receivers 1  2  3  4  5  More Pericom Semiconductor Corporation
SN65LVDM050-Q1 HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1  2  3  4  5  More Texas Instruments
SN55LVDS31 HIGH-SPEED DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
PI90LV047A 3V LVDS Quad Flow-Through Differential Line Drivers 1  2  3  4  5  More Pericom Semiconductor Corporation
SN65LVDS1050 HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1  2  3  4  5  More Texas Instruments
SN65LVDS179 HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1  2  3  4  5  More Texas Instruments
SN65LVDS387 HIGH-SPEED DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn