Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856288 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 856288
Description  465 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856288 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  856288 Datasheet HTML 1Page - TriQuint Semiconductor 856288 Datasheet HTML 2Page - TriQuint Semiconductor 856288 Datasheet HTML 3Page - TriQuint Semiconductor 856288 Datasheet HTML 4Page - TriQuint Semiconductor 856288 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary Data Sheet
Part Number 856288
465 MHz SAW Filter
Matching Schematics
50
Single-ended
1,3,4,5,7,8
2
6
50
50
No impedance matching
required
Marking
PCB Footprint
Marking
code
BG
Date code
JJJYM
logo
ID dot
Sawtek
3.20 SQ
.38
.23
.81
.96
.81
1.39
The date code consists of: JJJ = Julian day,
Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
3.25
Section A-A
1.75
Ø1.5
4.0
A
12.0
5.5
Ø1.5
4.0
2.0
3.25
1.4
0.21
A
Ø102
Ø20.2
Ø13.0
2.0
Direction of travel
Ø330
12.8
2.7
logo
Sawtek
ID dot
Dimensions shown are nominal in millimeters
Packaging quantity: 5000 units/reel
Subject to change or obsolescence without notice
Rev A
02-May-2003
Page 4 of 5


Similar Part No. - 856288

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856288 TRIQUINT-856288_15 Datasheet
477Kb / 5P
   465 MHz SAW Filter
More results

Similar Description - 856288

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855991 TRIQUINT-855991 Datasheet
578Kb / 5P
   465 MHz SAW Filter
856288 TRIQUINT-856288_15 Datasheet
477Kb / 5P
   465 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1257A TAI-SAW-TA1257A Datasheet
438Kb / 8P
   SAW Filter 465 MHz
TB0206A TAI-SAW-TB0206A Datasheet
659Kb / 5P
   IF SAW Filter 465 MHz
TB0582A TAI-SAW-TB0582A Datasheet
216Kb / 7P
   SAW Filter 465 MHz BW6MHz SMD 3.0X3.0 mm
logo
Johanson Technology Inc...
0465BL15B100 JOHANSON-0465BL15B100 Datasheet
137Kb / 2P
   465 MHz Balun
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com