Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856111 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856111
Description  73.5896 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856111 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856111 Datasheet HTML 1Page - TriQuint Semiconductor 856111 Datasheet HTML 2Page - TriQuint Semiconductor 856111 Datasheet HTML 3Page - TriQuint Semiconductor 856111 Datasheet HTML 4Page - TriQuint Semiconductor 856111 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 856111
73.5896 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
-40 to +85 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency, f0
-
73.5896
-
MHz
Maximum Insertion Loss at 73.5896 MHz
-
11.9
13
dB
Lower 1.25 dB Bandedge (4)
Upper 1.25 dB Bandedge (4)
-
74.2146
72.897
74.247
72.9646
-
MHz
MHz
Amplitude Variation
72.9646 - 74.2146 MHz
-
0.86
1.25
dB p-p
Phase Ripple
72.9646 - 74.2146 MHz
-
8.1
12.5
deg p-p
Integrated Phase Error
-
0.00098
0.0019
rad2
Stopband Rejection (4)
0.3 - 5 MHz
5 - 67.5896 MHz
79.5896 - 150 MHz
45
45
45
81
58
58
-
-
-
dB
dB
dB
Relative Attenuation (4)
71.5496 MHz
71.8996 MHz
72.3496 MHz
72.6996 MHz
74.4796 MHz
74.8296 MHz
75.2796 MHz
75.6296 MHz
40
35
30
27.5
27.5
30
35
40
49
39
41
36
29
40
44
51
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
Source Impedance (5)
-
50
-
Load Impedance (5)
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Measured relative to minimum insertion loss
5.
This is the optimum impedance in order to achieve the performance shown
Manual Test Circuit:
50
Single-ended
2,3,4,5
7,8,9,10
50
270nH
100pF
1
6
240nH
50
100pF
18nH
33nH
Subject to change or obsolescence without notice
Rev -
01-Apr-2003
Page 2 of 5


Similar Part No. - 856111

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8561110 FIBOX-8561110 Datasheet
62Kb / 2P
   PC Enclosure
25.01.2023
8561111 FIBOX-8561111 Datasheet
63Kb / 2P
   PC Enclosure
25.01.2023
8561112 FIBOX-8561112 Datasheet
62Kb / 2P
   PC Enclosure
25.01.2023
8561113 FIBOX-8561113 Datasheet
62Kb / 2P
   AR10106CHSS
25.01.2023
8561115 FIBOX-8561115 Datasheet
62Kb / 2P
   PC Enclosure
25.01.2023
More results

Similar Description - 856111

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com