Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855966 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # 855966
Description  942.5 MHz SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855966 Datasheet(HTML) 8 Page - TriQuint Semiconductor

  855966 Datasheet HTML 1Page - TriQuint Semiconductor 855966 Datasheet HTML 2Page - TriQuint Semiconductor 855966 Datasheet HTML 3Page - TriQuint Semiconductor 855966 Datasheet HTML 4Page - TriQuint Semiconductor 855966 Datasheet HTML 5Page - TriQuint Semiconductor 855966 Datasheet HTML 6Page - TriQuint Semiconductor 855966 Datasheet HTML 7Page - TriQuint Semiconductor 855966 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Data Sheet
Part Number 855966
942.5 MHz SAW Filter
Tape and Reel
1.75
3.5 8.0
A
A
2.0
4.0
4.0
Ø1.0
Ø1.5
2.75
1.1
0.254
Section A-A
2.23
2.7
8.8
Ø330
Ø102
Ø20.2
Ø13.0
2.0
ID dot
Direction of travel
Sawtek
logo
Dimensions shown are nominal in millimeters
Packaging quantity: 10000 units/reel
Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Operating Temperature Range
T
-20
+80
oC
Storage Temperature Range
Tstg
-40
+85
oC
Warnings
• Electrostatic Sensitive Device (ESD)
• Avoid ultrasonic exposure
Links to Additional Technical Information
PCB Layout Tips
Qualification Flowchart
S-Parameters
Sawtek’s liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. Sawtek does not accept any liability for
applications, processes, circuits or assemblies which are implemented using any Sawtek component described in this data sheet.
Contact Information
PO Box 609501
Orlando, FL 32860-9501
USA
Phone: +1 (407) 886-8860
Fax: +1 (407) 886-7061
Email: custservice@sawtek.com
Web: www.sawtek.com
Or contact one of our worldwide
Network of sales offices,
Representatives or distributors
Soldering Profile
Other Technical Information
Subject to change or obsolescence without notice
Rev E
30-Jan-2003
Page 8 of 8


Similar Part No. - 855966

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855964 TRIQUINT-855964 Datasheet
537Kb / 5P
   1086 MHz SAW Filter
855969 TRIQUINT-855969 Datasheet
375Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
More results

Similar Description - 855966

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856055 TRIQUINT-856055 Datasheet
441Kb / 5P
   942.5 MHz SAW Filter
856387 TRIQUINT-856387 Datasheet
617Kb / 7P
   942.5 MHz SAW Filter
855820 TRIQUINT-855820_15 Datasheet
344Kb / 7P
   942.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1004A TAI-SAW-TA1004A Datasheet
1Mb / 6P
   SAW Filter 942.5 MHz
TA0152B TAI-SAW-TA0152B Datasheet
1Mb / 7P
   SAW Filter 942.5 MHz
TA1743B TAI-SAW-TA1743B Datasheet
625Kb / 8P
   SAW Filter 942.5 MHz
logo
TriQuint Semiconductor
856528 TRIQUINT-856528_15 Datasheet
580Kb / 5P
   942.5 MHz SAW Filter
855810 TRIQUINT-855810_15 Datasheet
532Kb / 5P
   942.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2002E MURATA-SF2002E Datasheet
536Kb / 5P
   942.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF2002E RFM-SF2002E Datasheet
239Kb / 5P
   942.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com