Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855964 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 855964
Description  1086 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855964 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  855964 Datasheet HTML 1Page - TriQuint Semiconductor 855964 Datasheet HTML 2Page - TriQuint Semiconductor 855964 Datasheet HTML 3Page - TriQuint Semiconductor 855964 Datasheet HTML 4Page - TriQuint Semiconductor 855964 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet
Part Number 855964
1086 MHz SAW Filter
Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Operating Temperature Range
T
-40
+85
oC
Storage Temperature Range
Tstg
-40
+85
oC
Warnings
• Electrostatic Sensitive Device (ESD)
• Avoid ultrasonic exposure
Links to Additional Technical Information
PCB Layout Tips
Qualification Flowchart
S-Parameters
Sawtek’s liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. Sawtek does not accept any liability for
applications, processes, circuits or assemblies which are implemented using any Sawtek component described in this data sheet.
Contact Information
PO Box 609501
Orlando, FL 32860-9501
USA
Phone: +1 (407) 886-8860
Fax: +1 (407) 886-7061
Email: custservice@sawtek.com
Web: www.sawtek.com
Or contact one of our worldwide
network of sales offices,
representatives or distributors
Soldering Profile
Other Technical Information
Subject to change or obsolescence without notice
Rev F
12-Sep-2003
Page 5 of 5


Similar Part No. - 855964

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855966 TRIQUINT-855966 Datasheet
707Kb / 8P
   942.5 MHz SAW Filter
855969 TRIQUINT-855969 Datasheet
375Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
More results

Similar Description - 855964

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856330 TRIQUINT-856330_15 Datasheet
517Kb / 5P
   1086 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0404B TAI-SAW-TA0404B Datasheet
268Kb / 6P
   SAW Filter 1086 MHz
TA0227A TAI-SAW-TA0227A Datasheet
290Kb / 5P
   SAW Filter 1086 MHz SMD3.0X3.0 mm
TA0404A TAI-SAW-TA0404A Datasheet
228Kb / 6P
   SAW Filter 1086 MHz SMD3.0X3.0 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com