Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855942 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 855942
Description  770 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855942 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  855942 Datasheet HTML 1Page - TriQuint Semiconductor 855942 Datasheet HTML 2Page - TriQuint Semiconductor 855942 Datasheet HTML 3Page - TriQuint Semiconductor 855942 Datasheet HTML 4Page - TriQuint Semiconductor 855942 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet
Part Number 855942
770 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
11-Jul-2002
Page 5 of 5
Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Operating Temperature Range
T
-10
+70
oC
Storage Temperature Range
Tstg
-40
+85
oC
Warnings
• Electrostatic Sensitive Device (ESD)
• Avoid ultrasonic exposure
Links to Additional Technical Information
PCB Layout Tips
Qualification Flowchart
Soldering Profile
(1)
S-Parameters
Other Technical Information
Notes:
1.
Average ramp up rate 3
oC/sec max
Temp maintained above 120
oC – 360 sec min
Temp maintained above 180
oC – 150 sec min
Peak at 235
± 5 oC – 30 sec min
Average ramp down rate –6
oC/sec max
Sawtek’s liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. Sawtek does not accept any liability for
applications, processes, circuits or assemblies which are implemented using any Sawtek component described in this data sheet.
Contact Information
PO Box 609501
Orlando, FL 32860-9501
USA
Phone: +1 (407) 886-8860
Fax: +1 (407) 886-7061
Email: custservice@sawtek.com
Web: www.sawtek.com
Or contact one of our worldwide
network of sales offices,
representatives or distributors


Similar Part No. - 855942

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855942-1 TRIQUINT-855942-1_15 Datasheet
369Kb / 5P
   770 MHz SAW Filter
More results

Similar Description - 855942

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855942-1 TRIQUINT-855942-1_15 Datasheet
369Kb / 5P
   770 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0716A TAI-SAW-TA0716A Datasheet
275Kb / 7P
   SAW Filter 770 MHz SMD 3.0X3.0 mm
logo
KR Electronics, Inc.
3015 KR-3015 Datasheet
48Kb / 3P
   770 MHz Bandpass
3205-BNC KR-3205-BNC Datasheet
149Kb / 3P
   770 KHz Bandpass Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com