Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV16100S-50KIG Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC41LV16100S-50KIG
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV16100S-50KIG Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC41LV16100S-50KIG Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41LV16100S-50KIG Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV16100S-50KIG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV16100S-50KIG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV16100S-50KIG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV16100S-50KIG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV16100S-50KIG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV16100S-50KIG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV16100S-50KIG Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IC41C16100S
IC41LV16100S
2
Integrated Circuit Solution Inc.
DR010-0D 11/26/2004
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
FEATURES
• Extended Data-Out (EDO) Page Mode access cycle
• TTL compatible inputs and outputs; tristate I/O
• Refresh Interval:
Refresh Mode: 1,024 cycles /16 ms
RAS-Only, CAS-before-RAS (CBR), and Hidden
Self refresh Mode - 1,024 cycles / 128ms
• JEDEC standard pinout
• Single power supply:
5V ± 10% (IC41C16100S)
3.3V ± 10% (IC41LV16100S)
• Byte Write and Byte Read operation via two CAS
• Industrail Temperature Range -40°C to 85°C
DESCRIPTION
The
ICSI IC41C16100S and IC41LV16100S are 1,048,576 x
16-bit high-performance CMOS Dynamic Random Access
Memories. These devices offer an accelerated cycle access
called EDO Page Mode. EDO Page Mode allows 1,024 ran-
dom accesses within a single row with access cycle time as
short as 20 ns per 16-bit word. The Byte Write control, of upper
and lower byte, makes the IC41C16100S ideal for use in
16-, 32-bit wide data bus systems.
These features make the IC41C16100Sand IC41LV16100S
ideally suited for high-bandwidth graphics, digital signal
processing, high-performance computing systems, and
peripheral applications.
The IC41C16100S and IC41LV16100S are packaged in a
42-pin 400mil SOJ and 400mil 50- (44-) pin TSOP-2.
1M x 16 (16-MBIT) DYNAMIC RAM
WITH EDO PAGE MODE
KEY TIMING PARAMETERS
Parameter
-45
-50
-60
Unit
Max. RAS Access Time (tRAC)
455060
ns
Max. CAS Access Time (tCAC)
111315
ns
Max. Column Address Access Time (tAA)
222530
ns
Min. EDO Page Mode Cycle Time (tPC)
162025
ns
Min. Read/Write Cycle Time (tRC)
77
84
104
ns
42-Pin SOJ
PIN CONFIGURATIONS
50(44)-Pin TSOP II
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
WE
RAS
NC
NC
A0
A1
A2
A3
VCC
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
NC
LCAS
UCAS
OE
A9
A8
A7
A6
A5
A4
GND
PIN DESCRIPTIONS
A0-A9
Address Inputs
I/O0-15
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
UCAS
Upper Column Address Strobe
LCAS
Lower Column Address Strobe
Vcc
Power
GND
Ground
NC
No Connection
1
2
3
4
5
6
7
8
9
10
11
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
36
35
34
33
32
31
30
29
28
27
26
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
NC
WE
RAS
NC
NC
A0
A1
A2
A3
VCC
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
NC
NC
LCAS
UCAS
OE
A9
A8
A7
A6
A5
A4
GND


Similar Part No. - IC41LV16100S-50KIG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV16100A ICSI-IC41LV16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV16100A-50K ICSI-IC41LV16100A-50K Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV16100A-50T ICSI-IC41LV16100A-50T Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV16100A-60K ICSI-IC41LV16100A-60K Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV16100A-60T ICSI-IC41LV16100A-60T Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IC41LV16100S-50KIG

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com