Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ES6168A Datasheet(PDF) 6 Page - ESS Technology,Inc

Part No. ES6168A
Description  Vibratto-S DVD Processor Product Brief
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ESS [ESS Technology,Inc]
Homepage  http://www.esstech.com
Logo 

ES6168A Datasheet(HTML) 6 Page - ESS Technology,Inc

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
SAM0523B-031804
ESS Technology, Inc.
ES6168A PRODUCT BRIEF
ES6168A PIN DESCRIPTION
ADVEE
111
P
Analog power for video DAC.
ADVSS
112
G
Analog ground for video DAC.
YDAC
113
O
Video DAC output. Refer to description and matrix for UDAC pin 106.
YUV5
O
YUV pixel 5 output data
PIXOUT5
O
CCIR656 output pixel 5.
VDAC
114
O
Video DAC output. Refer to description and matrix for UDAC pin 106.
YUV6
O
YUV pixel 6 output data.
PIXOUT6
O
CCIR656 output pixel 6.
FDAC
115
O
Video DAC output. Refer to description and matrix for UDAC pin 106.
YUV7
O
YUV pixel 7 output data.
PIXOUT7
O
CCIR656 output pixel 7.
PCLK2XSCN
116
I/O
27-MHz video output pixel clock.
CAMIN4
I
Camera YUV 4.
PIXIN4
I
CCIR656 input pixel 4.
PCLKQSCN
117
O
13.5-MHz video output pixel clock.
AUX3[2]
I/O
Aux3 data I/O; (5V tolerant input).
CAMIN5
I
Camera YUV 5.
PIXIN5
I
CCIR656 input pixel 5.
VSYNC#
118
I/O
Vertical sync; (5V tolerant input).
AUX3[1]
I/O
Aux3 data I/O; (5V tolerant input).
CAMIN6
I
Camera YUV 6.
PIXIN6
I
CCIR656 input pixel 6.
HSYNC#
119
I/O
Horizontal sync; (5V tolerant input).
AUX3[0]
I/O
Aux3 data I/O; (5V tolerant input).
CAMIN7
I
Camera YUV 7.
PIXIN7
I
CCIR656 input pixel 7.
HD[5:0]
122-127
I/O
Host data bus lines; (5V tolerant input).
DCI[5:0]
I/O
DVD channel data I/O; (5V tolerant input).
AUX1[5:0]
I/O
Aux1 data I/O; (5V tolerant input).
HD6
128
I/O
Host data bus line; (5V tolerant input).
DCI6
I/O
DVD channel data I/O; (5V tolerant input).
AUX1[6]
I/O
Aux1 data I/O; (5V tolerant input).
VFD_DOUT
I
VFD data output.
HD7
131
I/O
Host data bus line; (5V tolerant input).
DCI7
I/O
DVD channel data I/O; (5V tolerant input).
AUX1[7]
I/O
Aux1 data I/O; (5V tolerant input).
VFD_DIN
I
VFD data input.
Table 1
ES6168A Pin Description (Continued)
Name
Pin Numbers
I/O
Definition


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ES6230Vibratto-II Automotive DVD Processor Product Brief 1 2 3 4 List of Unclassifed Manufacturers
ES4318DVD Processor Product Brief 1 2 3 4 ESS Technology,Inc
ES4810Digital Audio Processor Product Brief 1 2 ESS Technology,Inc
ES4810SAADigital Audio Processor Product Brief 1 2 3 4 ESS Technology,Inc
ZR36888DVD Multimedia Processor 1 2 Zoran Corporation
56F8025Digital Signal Controller Product Brief 1 2 3 4 5 MoreFreescale Semiconductor, Inc
DSP56F800ERMFeature Phone Software Application Product Brief 1 2 Freescale Semiconductor, Inc
PIC16F8518/20 Pin 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief 1 2 3 4 Microchip Technology
ES1868AudioDrive Solution Product Brief 1 2 3 4 ESS Technology,Inc
ES6028Vibratto DVD Processor 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn