Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ES6168A Datasheet(PDF) 5 Page - ESS Technology,Inc

Part No. ES6168A
Description  Vibratto-S DVD Processor Product Brief
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ESS [ESS Technology,Inc]
Homepage  http://www.esstech.com
Logo 

ES6168A Datasheet(HTML) 5 Page - ESS Technology,Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ESS Technology, Inc.
SAM0523B-031804
5
ES6168A PRODUCT BRIEF
ES6168A PIN DESCRIPTION
DCLK
105
I
Clock input to PLL; (5V tolerant input).
UDAC
106
O
Video DAC output.
F: CVBS/chroma signal for simultaneous mode.
Y: Luma component for YUV and Y/C processing.
C: Chrominance signal for Y/C processing.
U: Chrominance component signal for YUV mode.
V: Chrominance component signal for YUV mode.
YUV0
O
YUV pixel 0 output data.
PIXOUT0
O
CCIR656 output pixel 0.
VREF
107
I
Internal voltage reference to video DAC. Bypass to ground with 0.1-
µF capacitor.
YUV1
O
YUV pixel 1 output data.
PIXOUT1
O
CCIR656 output pixel 1.
CDAC
108
O
Video DAC output. Refer to description and matrix for UDAC pin 106.
YUV2
O
YUV pixel 2 output data.
PIXOUT2
O
CCIR656 output pixel 2.
COMP
109
I
Compensation input. Bypass to ADVEE with 0.1-
µF capacitor.
YUV3
O
YUV pixel 3 output data.
PIXOUT3
O
CCIR656 output pixel 3.
RSET
110
I
DAC current adjustment resistor input.
YUV4
O
YUV pixel 4 output data.
PIXOUT4
O
CCIR656 output pixel 4.
Table 1
ES6168A Pin Description (Continued)
Name
Pin Numbers
I/O
Definition
Value
F DAC
(pin 115)
V DAC
(pin 114)
Y DAC
(pin 113)
C DAC
(pin 108)
U DAC
(pin 106)
0
CVBS/Chroma
CVBS1
Y
C
N/A
1
CVBS/Chroma
CVBS1
Y
C
CVBS2
2
CVBS/Chroma
N/A
Y
C
N/A
3
CVBS/Chroma
CVBS1
N/A
N/A
CVBS2
4
CVBS/Chroma
CVBS1
N/A
N/A
N/A
5
CVBS/Chroma
CVBS1
Y
Pb
Pr
6
CVBS/Chroma
N/A
Y
Pb
Pr
7
N/A
SYNC
G
B
R
8
CVBS/Chroma
Chroma
Y
Pb
Pr
9
CVBS
CVBS1
G
B
R
10
CVBS
CVBS1
G
R
B
11
N/A
SYNC
G
R
B
12
CVBS/Chroma
N/A
Y
Pr
Pb
13
CVBS/Chroma
CVBS1
Y
Pr
Pb
14
Chroma
Y
G
R
B


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ES6230Vibratto-II Automotive DVD Processor Product Brief 1 2 3 4 List of Unclassifed Manufacturers
ES4318DVD Processor Product Brief 1 2 3 4 ESS Technology,Inc
ES4810Digital Audio Processor Product Brief 1 2 ESS Technology,Inc
ES4810SAADigital Audio Processor Product Brief 1 2 3 4 ESS Technology,Inc
ZR36888DVD Multimedia Processor 1 2 Zoran Corporation
56F8025Digital Signal Controller Product Brief 1 2 3 4 5 MoreFreescale Semiconductor, Inc
DSP56F800ERMFeature Phone Software Application Product Brief 1 2 Freescale Semiconductor, Inc
PIC16F8518/20 Pin 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief 1 2 3 4 Microchip Technology
ES1868AudioDrive Solution Product Brief 1 2 3 4 ESS Technology,Inc
ES6028Vibratto DVD Processor 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn