Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ES6168A Datasheet(PDF) 3 Page - ESS Technology,Inc

Part No. ES6168A
Description  Vibratto-S DVD Processor Product Brief
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ESS [ESS Technology,Inc]
Homepage  http://www.esstech.com
Logo 

ES6168A Datasheet(HTML) 3 Page - ESS Technology,Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ESS Technology, Inc.
SAM0523B-031804
3
ES6168A PRODUCT BRIEF
ES6168A PIN DESCRIPTION
ES6168A PIN DESCRIPTION
Table 1 lists the pin descriptions for the ES6168A.
Table 1
ES6168A Pin Description
Name
Pin Numbers
I/O
Definition
VEE
1,18, 27, 59, 68, 75,
92, 99, 104, 130,
148, 157, 159, 164,
183, 193, 201
P
I/O power supply.
LA[21:0]
2-7, 10-16, 19-23,
204-207
O
RISC port address bus.
VSS
8, 17, 26, 34, 43,
60, 67, 76, 84, 91,
98, 103, 120, 129,
138, 147, 156, 163,
171, 177, 184, 192,
200, 208
G
Ground.
VCC
9, 35, 44, 83, 121,
139, 172
P
Core power supply.
RESET#
24
I
Reset input; (5V tolerant input).
TDMDX
25
O
TDM transmit data output.
RSEL
I
LCS3 ROM Boot Data Width Select. Strapped to VCC or ground via 4.7-k
resistor; read only during reset.
TDMDR
28
I
TDM receive data input; (5V tolerant input).
TDMCLK
29
I
TDM clock input; (5V tolerant input).
TDMFS
30
I
TDM frame sync input; (5V tolerant input).
TDMTSC#
31
O
TDM output enable.
TWS
32
O
Audio transmit frame sync output.
SEL_PLL2
I
System and DSCK output clock frequency selection is made at the rising edge of
RESET#. The matrix below lists the available clock frequencies and their
respective PLL bit settings. Strapped to VCC or ground via 4.7-k
Ω resistor; read
only during reset.
RSEL
Selection
016-bit ROM
18-bit ROM
SEL_PLL2
SEL_PLL1
SEL_PLL0
PLL Settings
0
0
0
DCLK
× 4.5
0
0
1
DCLK
× 5.0
01
0
Bypass
0
1
1
DCLK
× 4.0
1
0
0
DCLK
× 4.25
1
0
1
DCLK
× 4.75
1
1
0
DCLK
× 5.5
1
1
1
DCLK
× 6.0


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ES6230Vibratto-II Automotive DVD Processor Product Brief 1 2 3 4 List of Unclassifed Manufacturers
ES4318DVD Processor Product Brief 1 2 3 4 ESS Technology,Inc
ES4810Digital Audio Processor Product Brief 1 2 ESS Technology,Inc
ES4810SAADigital Audio Processor Product Brief 1 2 3 4 ESS Technology,Inc
ZR36888DVD Multimedia Processor 1 2 Zoran Corporation
56F8025Digital Signal Controller Product Brief 1 2 3 4 5 MoreFreescale Semiconductor, Inc
DSP56F800ERMFeature Phone Software Application Product Brief 1 2 Freescale Semiconductor, Inc
PIC16F8518/20 Pin 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief 1 2 3 4 Microchip Technology
ES1868AudioDrive Solution Product Brief 1 2 3 4 ESS Technology,Inc
ES6028Vibratto DVD Processor 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn