Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AL422 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. AL422
Description  AL422 3M-Bits FIFO Field Memory
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AL422 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AL422
AL422B
January 23, 2001
6
7.0 Electrical Characteristics
7.1 Absolute Maximum Ratings
Ratings
Parameter
3.3V application
5V application
Unit
VDD
Supply Voltage
-1.0 ~ +4.5
-1.0 ~ +7.0
V
VP
Pin Voltage
-1.0 ~ +5.5
-1.0 ~ VDD +0.5
V
IO
Output Current
-20 ~ +20
-20 ~ +20
mA
TAMB
Ambient Op. Temperature
0 ~ +70
0 ~ +70
°C
Tstg
Storage temperature
-55 ~ +125
-55 ~ +125
°C
7.2 Recommended Operating Conditions
3.3V application
5V application
Parameter
Min
Max
Min
Max
Unit
VDD
Supply Voltage
+3.0
+3.6
+4.5
+5.25
V
VIH
High Level Input Voltage
+2.0
+5.5
+3.0
VDD +0.5
V
VIL
Low Level Input Voltage
-1.0
+0.8
-1.0
+0.8
V
7.3 DC Characteristics
(VDD =5V or 3.3V, Vss=0V. TAMB = 0 to 70°C)
3.3V application
5V application
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
IDD
Operating Current @20MHz
-
33
-
-
50
-
mA
IDD
Operating Current @30MHz
-
45
-
-
66
-
mA
IDD
Operating Current @40MHz
-
57
-
-
82
-
mA
IDD
Operating Current @50MHz
-
68
-
-
97
-
mA
IDDS
Standby Current
-
7
-
-
12
-
mA
VOH
Hi-level Output Voltage
0.7VDD
-
VDD
+3.0
-
VDD
V
VOL
Lo-level Output Voltage
-
-
+0.4
-
-
+0.4
V
ILI
Input Leakage Current
-10
-
+10
-10
-
+10
µA
ILO
Output Leakage Current
-10
-
+10
-10
-
+10
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM514221B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
SAA4998HField and line rate converter with noise reduction and embedded memory 1 2 3 4 5 MoreNXP Semiconductors
MSM5424331222 720-Word × 24-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MS81V06160 401 408-word ´ 16-bit FIFO memory 1 2 3 4 5 MoreOKI electronic componets
74F403AFirst-In First-Out FIFO Buffer Memory 1 2 3 4 5 MoreFairchild Semiconductor
AM7200HIGH DENSITY FIRST-IN FIRST-OUT FIFO 256 X 9-BIT CMOS MEMORY 1 2 3 4 5 MoreAdvanced Micro Devices
MSM9844VOICE SYNTHESIS LSI with on-chip FIFO Memory 1 2 3 4 5 MoreOKI electronic componets
MSM514222B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn