Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74BCT2414 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74BCT2414
Description  MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2414 Datasheet(HTML) 7 Page - Texas Instruments

  SN74BCT2414 Datasheet HTML 1Page - Texas Instruments SN74BCT2414 Datasheet HTML 2Page - Texas Instruments SN74BCT2414 Datasheet HTML 3Page - Texas Instruments SN74BCT2414 Datasheet HTML 4Page - Texas Instruments SN74BCT2414 Datasheet HTML 5Page - Texas Instruments SN74BCT2414 Datasheet HTML 6Page - Texas Instruments SN74BCT2414 Datasheet HTML 7Page - Texas Instruments SN74BCT2414 Datasheet HTML 8Page - Texas Instruments SN74BCT2414 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN74BCT2414
MEMORY DECODER
WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SCBS059B – MARCH 1989 – REVISED NOVEMBER 1993
2–7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
A typical application circuit for a battery-buffered memory in a microcomputer system is shown in Figure 1 which uses
the SN74BCT2414. When power fails, the supply-voltage supervisor (TL7705) resets the microcomputer and
disables the memory by switching the shutdown input SD of the memory decoder to a logic zero. All memory decoder
outputs are forced to a logic one. Abnormal write commands from the microprocessor, which may be issued during
further voltage breakdown, no longer affect the contents of the memory. When the system supply voltage becomes
lower than approximately 3.65 V, the voltage monitor inside the SN74BCT2414 memory decoder disconnects the
input buffers of this circuit from the decoding logic internally and keeps all outputs at a logic one. The VS output is
also switched off, disconnecting the system supply voltage from the memory circuits. During this low-voltage
condition, the memory decoder and the memory circuits are supplied by the battery.
CE
VCC
SD
G
2A
1A
1B
2B
2G
VCC
VS
8
16
A15
A14
A13
1G
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
R1
R2
R3
1 k
Q1
D1
1N4148
D3
VCC
D0 – D7
A0 – A15
DBIN
WE
RESET
Microprocessor
SN74BCT2414
A0 – A12
OE
WR
10 k
0.1
µF
5 V
0.1
µF
SENSE
VREF
RES
RESIN
Ct
8-
× 8K-Byte CMOS RAM
TL7705A
Vbat
VCC
GND
For further information on this device, please contact factory.
Figure 1. Memory System With Battery Backup


Similar Part No. - SN74BCT2414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2414 TI1-SN74BCT2414 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414DW TI1-SN74BCT2414DW Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414DWG4 TI1-SN74BCT2414DWG4 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414N TI1-SN74BCT2414N Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414 TI1-SN74BCT2414_16 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
More results

Similar Description - SN74BCT2414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2414 TI1-SN74BCT2414_16 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com