Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3882 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS3882
Description  Dual-Channel Automotive CCFL Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3882 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS3882 Datasheet HTML 7Page - Maxim Integrated Products DS3882 Datasheet HTML 8Page - Maxim Integrated Products DS3882 Datasheet HTML 9Page - Maxim Integrated Products DS3882 Datasheet HTML 10Page - Maxim Integrated Products DS3882 Datasheet HTML 11Page - Maxim Integrated Products DS3882 Datasheet HTML 12Page - Maxim Integrated Products DS3882 Datasheet HTML 13Page - Maxim Integrated Products DS3882 Datasheet HTML 14Page - Maxim Integrated Products DS3882 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Shadowed EEPROM
The DS3882 incorporates SRAM-shadowed EEPROM
memory locations for all memory that needs to be
retained during power cycling. At power-up, SEEB (bit 7
of the BLC register) is low which causes the shadowed
locations to act as ordinary EEPROM. Setting SEEB
high disables the EEPROM write function and causes
the shadowed locations to function as ordinary SRAM
cells. This allows an infinite number of write cycles with-
out causing EEPROM damage and also eliminates the
EEPROM write time, tW from the write cycle. Because
memory changes made when SEEB is set high are not
written to EEPROM, these changes are not retained
through power cycles, and the power-up EEPROM values
are the last values written with SEEB low.
Channel Phasing
The lamp-frequency MOSFET gate turn-on times are
out of phase between the two channels during the burst
period. This reduces the inrush current that would
result from all lamps switching simultaneously, and
hence eases the design requirements for the DC sup-
ply. It is important to note that it is the lamp-frequency
signals that are phased, not the DPWM (burst) signals.
Lamp Dimming Control
The DS3882 provides two independent methods of
lamp dimming that can be combined to achieve a dim-
ming ratio of 300:1 or greater. The first method is
“burst” dimming, which uses a digital pulse-width-mod-
ulated (DPWM) signal (22.5Hz to 440Hz) to control the
lamp brightness. The second is “analog” dimming,
which is accomplished by adjusting the lamp current.
Burst dimming provides 128 linearly spaced brightness
steps. Analog dimming provides smaller substeps that
allow incremental brightness changes between burst
dimming steps. This ability is especially useful for low-
brightness dimming changes, where using burst dim-
ming alone would cause visible brightness step
changes. Analog dimming also allows the brightness to
be reduced below the minimum burst dimming level,
which provides for the maximum dimming range.
Burst dimming can be controlled using a user-supplied
analog voltage on the BRIGHT pin or through the I2C
interface. Analog dimming can only be controlled
through the I2C interface. Therefore, for applications that
require the complete dimming range and resolution capa-
bility of the DS3882, I2C dimming control must be used.
Burst Dimming
Burst dimming increases/decreases the brightness by
adjusting (i.e., modulating) the duty cycle of the DPWM
signal. During the high period of the DPWM cycle, the
lamps are driven at the selected lamp frequency
(40kHz to 100kHz) as shown in Figure 6. This part of
the cycle is called the “burst” period because of the
lamp frequency burst that occurs during this time.
During the low period of the DPWM cycle, the controller
disables the MOSFET gate drivers so the lamps are not
driven. This causes the current to stop flowing in the
lamps, but the time is short enough to keep the lamps
from de-ionizing.
The DS3882 can generate its own DPWM signal inter-
nally (set DPSS = 0 in CR1), which can then be
sourced to other DS3882s if required, or the DPWM sig-
nal can be supplied from an external source (set DPSS
= 1 in CR1). To generate the DPWM signal internally,
the DS3882 requires a clock (referred to as the dim-
ming clock) to set the DPWM frequency. The user can
supply the dimming clock by setting POSCS = 1 in CR1
and applying an external 22.5Hz to 440Hz signal at the
POSC pin, or the dimming clock can be generated by
the DS3882’s internal oscillator (set POSCS = 0 in
CR1), in which case the frequency is set by an external
resistor at the POSC pin. These two dimming clock
options are shown in Figure 3. Regardless of whether
the dimming clock is generated internally or sourced
externally, the POSC0 and POSC1 bits in CR2 must be
set to match the desired dimming clock frequency.
The internally generated DPWM signal can be provided
at the PSYNC I/O pin (set RGSO = 0 in CR1) for sourc-
ing to other DS3882s, if any, in the circuit. This allows
all DS3882s in the system to be synchronized to the
same DPWM signal. A DS3882 that is generating the
DPWM signal for other DS3882s in the system is
referred to as the DPWM source. When bringing in an
externally generated DPWM signal, either from another
DS3882 acting as a DPWM source or from some other
user-provided source, it is input into the PSYNC I/O pin
of the DS3882, and the receiving DS3882 is referred to
a DPWM receiver. In this mode, the BRIGHT and POSC
inputs are disabled and should be grounded (see
Figure 5).
When the DPWM signal is generated internally, its duty
cycle (and, thus, the lamp brightness) is controlled
either by a user-supplied analog voltage at the BRIGHT
input or through the I2C interface by varying the 7-bit
PWM code in the BPWM register. When using the
BRIGHT pin to control burst dimming, a voltage of less
than 0.5V causes the DS3882 to operate with the mini-
mum burst duty cycle, providing the lowest brightness
setting, while any voltage greater than 2.0V causes a
100% burst duty cycle (i.e., lamps always being dri-
ven), which provides the maximum brightness. For
voltages between 0.5V and 2V, the duty cycle varies
linearly between the minimum and 100%. Writing a
Dual-Channel Automotive CCFL Controller
____________________________________________________________________
11


Similar Part No. - DS3882

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3882 MAXIM-DS3882 Datasheet
455Kb / 31P
   Dual-Channel Automotive CCFL Controller
Rev 2; 12/10
DS3882E MAXIM-DS3882E Datasheet
455Kb / 31P
   Dual-Channel Automotive CCFL Controller
Rev 2; 12/10
DS3882 MAXIM-DS3882_10 Datasheet
455Kb / 31P
   Dual-Channel Automotive CCFL Controller
Rev 2; 12/10
More results

Similar Description - DS3882

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3882 MAXIM-DS3882_10 Datasheet
455Kb / 31P
   Dual-Channel Automotive CCFL Controller
Rev 2; 12/10
DS3881 MAXIM-DS3881 Datasheet
489Kb / 28P
   Single-Channel Automotive CCFL Controller
Rev 0; 3/06
logo
List of Unclassifed Man...
BI3101A ETC1-BI3101A Datasheet
314Kb / 9P
   DUAL RWM CCFL CONTROLLER
logo
Advantech Co., Ltd.
ES-1117N-LEAE ADVANTECH-ES-1117N-LEAE Datasheet
506Kb / 5P
   Dual PWM CCFL Controller
ES-1115N-LXAE ADVANTECH-ES-1115N-LXAE Datasheet
619Kb / 6P
   Dual PWM CCFL Controller
ES-1115R-LXAE ADVANTECH-ES-1115R-LXAE Datasheet
619Kb / 6P
   Dual PWM CCFL Controller
logo
List of Unclassifed Man...
BIT3106 ETC-BIT3106 Datasheet
227Kb / 9P
   High Efficiency Dual ZVS CCFL Controller
logo
Maxim Integrated Produc...
DS3992 MAXIM-DS3992 Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Intersil Corporation
ISL6884 INTERSIL-ISL6884 Datasheet
256Kb / 13P
   CCFL Brightness Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com