Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDC-19222 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RDC-19222
Description  16-BIT MONOLITHIC TRACKING RESOLVER (LVDT)-TO-DIGITAL CONVERTERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RDC-19222 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RDC-19222 Datasheet HTML 1Page - List of Unclassifed Manufacturers RDC-19222 Datasheet HTML 2Page - List of Unclassifed Manufacturers RDC-19222 Datasheet HTML 3Page - List of Unclassifed Manufacturers RDC-19222 Datasheet HTML 4Page - List of Unclassifed Manufacturers RDC-19222 Datasheet HTML 5Page - List of Unclassifed Manufacturers RDC-19222 Datasheet HTML 6Page - List of Unclassifed Manufacturers RDC-19222 Datasheet HTML 7Page - List of Unclassifed Manufacturers RDC-19222 Datasheet HTML 8Page - List of Unclassifed Manufacturers RDC-19222 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
Data Device Corporation
www.ddc-web.com
RDC-19220 SERIES
R-12/05-0
er with the velocity integrator forms a type II servo feedback loop.
A lead in the frequency response is introduced to stabilize the
loop and another lag at higher frequency is introduced to reduce
the gain and ripple at the carrier frequency and above. The set-
tings of the various error processor gains and break frequencies
are done with external resistors and capacitors so that the con-
verter loop dynamics can be easily controlled by the user.
TRANSFER FUNCTION AND BODE PLOT
The dynamic performance of the converter can be determined from
its Transfer Function Block Diagrams and its Bode Plots (open and
closed loop). These are shown in FIGURES 2, 3, and 4.
The open loop transfer function is as follows:
where A is the gain coefficient and A2= A1A2
and B is the frequency of lead compensation.
The components of gain coefficient are error gradient, integrator
gain and VCO gain. These can be broken down as follows:
RV, RB, and CBW are selected by the user to set velocity scaling
and bandwidth.
- Error Gradient = 0.011 volts per LSB (CT + Error Amp + Demod
with 2 Vrms input)
- Integrator Gain =
volts per second per volt
- VCO Gain =
LSBs per second per volt
where: Cs = 10 pF
Fs = 67 kHz when Rs = 30 k
Fs = 100 kHz when Rs = 20 k
Fs = 134 kHz when Rs = 15 k
CVCO = 50 pF
Cs Fs
1.1 CBW
1
1.25 RV CVCO
2
S
A
+1
(
)
B
2
S
S
+1
(
)
10B
Open Loop Transfer Function =
ERROR PROCESSOR
RESOLVER
INPUT
(
θ)
VELOCITY
OUT
DIGITAL
POSITION
OUT (
φ)
VCO
CT
S
A
+ 1
1
B
S
S
+ 1
10B
H = 1
+
-
e
A2
S
BA
2A
-6 db/oct
10B
ω (rad/sec)
2A
2 2 A
ω (rad/sec)
f
= BW (Hz) =
BW
2 A
π
CLOSED LOOP
(B = A/2)
GAIN = 0.4
GAIN = 4
(CRITICALLY DAMPED)
OPEN LOOP
FIGURE 3. TRANSFER FUNCTION
BLOCK DIAGRAM #2
FIGURE 4. BODE PLOTS
GENERAL SETUP CONSIDERATIONS
Note: For detailed application and technical information see the RD/RDC convert-
er applications manual which is available for download from the DDC web site @
www.ddc-web.com.
DDC has external component selection software which consid-
ers all the criteria below, and in a simple fashion, asks the key
parameters (carrier frequency, resolution, bandwidth, and track-
ing rate) to derive the external component value.
The following recommendations should be considered when
installing the RDC-19220 Series R/D converters:
1) In setting the bandwidth (BW) and Tracking Rate (TR) (select-
ing five external components), the system requirements need
to be considered. For greatest noise immunity, select the min-
imum BW and TR the system will allow.
2) +5 and -5 volt operation:
Power supplies are ±5 V dc. For lowest noise performance it
is recommended that a 0.1 µF or larger cap be connected
from each supply to ground near the converter package.
When using a +5V and -5V supply to power the converter,
RDC-19222 pins 22, 23, 25, 26 must be no connection, and
on RDC-19224 pins 20, 40, 16, 11, must be no connection.
Also, the 10uF cap is not connected to +cap and -cap pins.
3) This converter has 2 internal ground planes, which reduce
noise to the analog input due to digital ground currents. The
resolver inputs and velocity output are referenced to AGND.
The digital outputs and inputs are referenced to GND. The
AGND and GND pins must be tied together as close to the
converter package as possible. Not shorting these pins
together as close to the converter package as possible will
cause unstable converter results.


Similar Part No. - RDC-19222

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RDC-10-122-75X MINI-RDC-10-122-75X Datasheet
458Kb / 3P
   Directional Coupler
RDC-10-122-75X++ MINI-RDC-10-122-75X+ Datasheet
458Kb / 3P
   Directional Coupler
RDC-10-182-75X MINI-RDC-10-182-75X Datasheet
460Kb / 3P
   Directional Coupler
RDC-10-182-75X++ MINI-RDC-10-182-75X+ Datasheet
460Kb / 3P
   Directional Coupler
RDC-16-182-75++ MINI-RDC-16-182-75+ Datasheet
471Kb / 4P
   Directional Coupler
REV. A
More results

Similar Description - RDC-19222

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RDC5028C AEROFLEX-RDC5028C Datasheet
413Kb / 20P
   RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
logo
Analog Devices
AD2S82A AD-AD2S82A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S82AJPZ AD-AD2S82AJPZ Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
List of Unclassifed Man...
AU6802 ETC1-AU6802 Datasheet
416Kb / 2P
   High-speed, Digital-Tracking, Complete 10/12-Bit Resolver-to-Digital Converter
logo
Renesas Technology Corp
RAA3064002GFP RENESAS-RAA3064002GFP Datasheet
827Kb / 59P
   CMOS ICs Resolver-to-Digital Converters
Apr 05, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com