Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPS42127 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CPS42127
Description  Phase Shifter 4 Section
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CPS42127 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CPS42127 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
253
310.507.3242 • FAX 310.507.5701 • www.daico.com
MODEL NUMBER
CPS42127
FEATURES
• 1215 - 1400 MHz
• 22.5° LSB, 337.5° Range
• TTL Driver
4 BIT
Phase Shifter 4 Section


Similar Part No. - CPS42127

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CPS42126 DAICO-CPS42126 Datasheet
184Kb / 1P
   Phase Shifter 4 Section
More results

Similar Description - CPS42127

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CPS42126 DAICO-CPS42126 Datasheet
184Kb / 1P
   Phase Shifter 4 Section
CPS49092 DAICO-CPS49092 Datasheet
194Kb / 1P
   Phase Shifter 4 Section
CPS49093 DAICO-CPS49093 Datasheet
213Kb / 1P
   Phase Shifter, 4 Section
DPS42029 DAICO-DPS42029 Datasheet
175Kb / 1P
   Phase Shifter 4 Section
DPS42028 DAICO-DPS42028 Datasheet
169Kb / 1P
   Phase Shifter 4 Section
CPS0827 DAICO-CPS0827 Datasheet
176Kb / 1P
   Phase Shifter 4 Section
CDP0926 DAICO-CDP0926 Datasheet
32Kb / 1P
   PHASE SHIFTER, 4 SECTION
DPS45085 DAICO-DPS45085 Datasheet
45Kb / 1P
   Phase Shifter 4 Section
DPS45081 DAICO-DPS45081 Datasheet
160Kb / 1P
   Phase Shifter 4 Section
CDP0815 DAICO-CDP0815 Datasheet
28Kb / 1P
   PHASE SHIFTER, 4 SECTION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com