Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC61G Datasheet(PDF) 2 Page - Torex Semiconductor

Part No. XC61G
Description  LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC61G Datasheet(HTML) 2 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
102
XC61G Series
PIN NUMBER
USP-3
PIN NAME
FUNCTION
3
VIN
Supply Voltage
1
VSS
Ground
2
VOUT
Output
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
: CMOS output
Output Configuration
N
: N-ch open drain output
: e.g. 0.9V → ②0, ③9
② ③
Detect Voltage
08 ~ 60
: e.g. 1.5V → ②1, ③5
Output Delay
0
: No delay
Detect Accuracy
2
: Within ± 2%
Package
H
: USP-3
R
: Embossed tape, Standard feed
Device Orientation
L
: Embossed tape, Reverse feed
■PIN CONFIGURATION
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●Ordering Information
XC61G ①②③④⑤⑥⑦


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn