Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC3226TB Datasheet(PDF) 6 Page - California Eastern Labs

Part No. UPC3226TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3226TB Datasheet(HTML) 6 Page - California Eastern Labs

Back Button UPC3226TB Datasheet HTML 2Page - California Eastern Labs UPC3226TB Datasheet HTML 3Page - California Eastern Labs UPC3226TB Datasheet HTML 4Page - California Eastern Labs UPC3226TB Datasheet HTML 5Page - California Eastern Labs UPC3226TB Datasheet HTML 6Page - California Eastern Labs UPC3226TB Datasheet HTML 7Page - California Eastern Labs UPC3226TB Datasheet HTML 8Page - California Eastern Labs UPC3226TB Datasheet HTML 9Page - California Eastern Labs UPC3226TB Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ILLUSTRATION OF THE TEST CIRCUIT ASSEMBLED ON EVALUATION BOARD
IN
OUT
C1
C2
C3
C4
L
Notes
1.
30
× 30 × 0.4 mm double sided copper clad polyimide board.
2.
Back side: GND pattern
3.
Solder plated on pattern
4.
: Through holes
COMPONENT LIST
Value
C1, C2
100 pF
C3, C4
1 000 pF
L1
100 nH
Data Sheet PU10558EJ01V0DS
6
UPC3226TB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn