Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC3226TB Datasheet(PDF) 4 Page - California Eastern Labs

Part No. UPC3226TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3226TB Datasheet(HTML) 4 Page - California Eastern Labs

  UPC3226TB Datasheet HTML 1Page - California Eastern Labs UPC3226TB Datasheet HTML 2Page - California Eastern Labs UPC3226TB Datasheet HTML 3Page - California Eastern Labs UPC3226TB Datasheet HTML 4Page - California Eastern Labs UPC3226TB Datasheet HTML 5Page - California Eastern Labs UPC3226TB Datasheet HTML 6Page - California Eastern Labs UPC3226TB Datasheet HTML 7Page - California Eastern Labs UPC3226TB Datasheet HTML 8Page - California Eastern Labs UPC3226TB Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS (TA = +25°C, VCC = Vout = 5.0 V, ZS = ZL = 50
Ω)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No input signal
12.5
15.5
19.5
mA
Power Gain 1
GP1
f = 0.1 GHz, Pin =
−30 dBm
22.0
24.0
26.0
dB
Power Gain 2
GP2
f = 1.0 GHz, Pin =
−30 dBm
23.0
25.0
27.5
Power Gain 3
GP3
f = 1.8 GHz, Pin =
−30 dBm
23.0
26.0
29.0
Power Gain 4
GP4
f = 2.2 GHz, Pin =
−30 dBm
23.0
26.0
29.0
Power Gain 5
GP5
f = 2.6 GHz, Pin =
−30 dBm
22.5
25.5
29.0
Power Gain 6
GP6
f = 3.0 GHz, Pin =
−30 dBm
22.0
25.0
28.5
Saturated Output Power 1
PO (sat) 1
f = 1.0 GHz, Pin =
−2 dBm
+10.0
+13.0
dBm
Saturated Output Power 2
PO (sat) 2
f = 2.2 GHz, Pin =
−8 dBm
+6.0
+9.0
Gain 1 dB Compression Output Power 1
PO (1 dB) 1
f = 1.0 GHz
+5.0
+7.5
dBm
Gain 1 dB Compression Output Power 2
PO (1 dB) 2
f = 2.2 GHz
+3.0
+5.7
Noise Figure 1
NF1
f = 1.0 GHz
5.3
6.0
dB
Noise Figure 2
NF2
f = 2.2 GHz
4.9
6.0
Isolation 1
ISL1
f = 1.0 GHz, Pin =
−30 dBm
31
34
dB
Isolation 2
ISL2
f = 2.2 GHz, Pin =
−30 dBm
33
36
Input Return Loss 1
RLin1
f = 1.0 GHz, Pin =
−30 dBm
10.0
14.0
dB
Input Return Loss 2
RLin2
f = 2.2 GHz, Pin =
−30 dBm
9.0
13.0
Output Return Loss 1
RLout1
f = 1.0 GHz, Pin =
−30 dBm
10.0
13.0
dB
Output Return Loss 2
RLout2
f = 2.2 GHz, Pin =
−30 dBm
10.0
13.0
Input 3rd Order Distortion Intercept Point 1
IIP31
f1 = 1 000 MHz, f2 = 1 001 MHz,
Pin =
−30 dBm
−5.0
dBm
Input 3rd Order Distortion Intercept Point 2
IIP32
f1 = 2 200 MHz, f2 = 2 201 MHz,
Pin =
−30 dBm
−11.0
Output 3rd Order Distortion Intercept Point 1
OIP31
f1 = 1 000 MHz, f2 = 1 001 MHz,
Pin =
−30 dBm
+20.0
dBm
Output 3rd Order Distortion Intercept Point 2
OIP32
f1 = 2 200 MHz, f2 = 2 201 MHz,
Pin =
−30 dBm
+15.0
2nd Order Intermodulation Distortion
IM2
f1 = 1 000 MHz, f2 = 1 001 MHz,
Pin =
−30 dBm
43.0
dBc
K factor 1
K1
f = 1.0 GHz
1.4
K factor 2
K2
f = 2.2 GHz
1.6
Data Sheet PU10558EJ01V0DS
4
UPC3226TB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn