Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMPA2156D2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. TMPA2156D2
Description  0.73W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

TMPA2156D2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Tai-1 Microelectronics
Preliminary
TMPA2156D2
www.taimec.com.tw
Rev.1.0
September 7, 2005
Copyright
©2005, Tai-1 Microelectronics Corp.
6
kohms
15
Ri
kohms
320
Gain
+
=
l
Input Resistors and Gain
The gain of the amplifier is determined by, for VDD=VDDA =2.5V to 5.5V
where Ri is the external serial resistance at the input pin.
Note:Please refer to document 010 APP for more application examples.
PDF created with pdfFactory trial version www.pdffactory.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn