Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STQ-2016-3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STQ-2016-3
Description  700-2500 MHz Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STQ-2016-3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STQ-2016-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
303 S. Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
4
EDS-104229 Rev B
STQ-2016-3 Direct Quadrature Modulator
Table 2. CW Test Conditions
(for all product specifications unless otherwise noted)
VCC (pins 2,10,15)
+5V
TA
+25ºC
Baseband Input
(Pins 1, 8, 9, 16)
1.9V DC bias, 200kHz fre-
quency, 300 mVp-p per pin =
600 mVp-p differential drive, I
and Q signals in quadrature
LO Input
(Pins 4, 5)
-5 dBm @ 1960 MHz
Table 1. W-CDMA Test Conditions
(Unless otherwise noted)
VCC (pins 2,10,15)
+5V
TA
+25ºC
Baseband Input
(Pins 1, 8, 9, 16)
1.9V DC bias, W-CDMA Test Model 1 w/
64 DPCH (PAR = 10.54), 850mVp-p per
pin = 1.7 Vp-p differential drive, I and Q
signals in quadrature
LO Input
(Pins 4, 5)
+4.0 dBm @ 2140 MHz
Pin Out Description
Pin #
Function
Description
Additional Comments
1
BBQP
Q-channel baseband input, positive terminal
Nominal DC bias voltage is 1.9V (biased internally)
2
VCC
Positive supply (+5V)
3
VEE
Ground
4
LOP
Local oscillator input, positive terminal
Nominal DC voltage is 2.0V. Input should be AC-coupled.
5
LON
Local oscillator input, negative terminal
Nominal DC voltage is 2.0V. Input should be AC-coupled.
6
VEE
Ground
7
SD
Shut-down control
Logic high = normal operation;
Logic Low = shut-down enabled.
8
BBIP
I-channel baseband input, positive terminal
Nominal DC bias voltage is 1.9V (biased internally)
9
BBIN
I-channel baseband input, negative terminal
Nominal DC bias voltage is 1.9V (biased internally)
10
VCC
Positive supply (+5V)
11
VEE
Ground
12
RFN
RF output, negative terminal
Nominal DC voltage is 2.4V. Output should be AC-coupled.
13
RFP
RF output, positive terminal
Nominal DC voltage is 2.4V. Output should be AC-coupled.
14
VEE
Ground
15
VCC
Positive supply (+5V)
16
BBQN
Q-channel baseband input, negative terminal
Nominal DC bias voltage is 1.9V (biased internally)
Absolute Maximum Ratings
Parameters
Value
Unit
Supply Voltage (VCC)
6.0
VDC
LO, RF Input (LOP, LON, RFP, RFN)
+10
dBm
Baseband Min Input Voltage
(BBIP, BBIN, BBQP, BBQN)
0VDC
Baseband Max Input Voltage
(BBIP, BBIN, BBQP, BBQN)
3VDC
Operating Temperature
-40 to +85
ºC
Storage Temperature
-65 to +150
ºC
Operation of this device beyond any one of these limits may
cause permanent damage. For reliable continuous operation the
device voltage and current must not exceed the maximum oper-
ating values specified in the table on page one.
Part Number Ordering Information
Part Number
Reel Size
Devices/Reel
Min.
Max.
STQ-2016-3
7”
500
1000
STQ-2016-3Z
7”
500
1000
Caution: ESD Sensitive
Appropriate precaution in handling, packaging
and testing devices must be observed.


Similar Part No. - STQ-2016-3

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016-3Z SIRENZA-STQ-2016-3Z Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results

Similar Description - STQ-2016-3

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
   2500 - 4000 MHz Direct Quadrature Modulator
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Analog Devices
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com