Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI90LV3486 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part No. PI90LV3486
Description  LVDS High-Speed Differential Line Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI90LV3486 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS8667A
10/04/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV3486/PI90LVT3486
PI90LV9637/PI90LVT9637
LVDS High-Speed Differential Line Receivers
FunctionTables
Pin Descriptions
e
l
b
a
n
Es
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
Dt
u
p
t
u
O
N
ER +
N
I
R
,
N
I
R T
U
O
HV D
I
V
m
0
0
1H
HV
<
V
m
0
0
1
D
I
V
m
0
0
1
<?
HV D
I
V
m
0
0
1
–L
LX
Z
Hn
e
p
OH
PI90LV/LVT3486
PI90LV/LVT9637
s
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
Dt
u
p
t
u
O
R +
N
I
R
,
N
I
R T
U
O
V D
I
V
m
0
0
1H
V
<
V
m
0
0
1
D
I
V
m
0
0
1
<?
V D
I
V
m
0
0
1
–L
n
e
p
OH
e
m
a
Nn
o
i
t
p
i
r
c
s
e
D
R T
U
O
s
n
i
p
t
u
p
t
u
o
r
e
v
i
e
c
e
r
S
O
M
C
/
L
T
T
R +
N
I
s
n
i
p
t
u
p
n
i
r
e
v
i
e
c
e
r
g
n
it
r
e
v
n
i
-
n
o
N
R
N
I
s
n
i
p
t
u
p
n
i
r
e
v
i
e
c
e
r
g
n
it
r
e
v
n
I
D
N
Gn
i
p
d
n
u
o
r
G
V C
C
%
0
1
±
V
3
.
3
+
,
n
i
p
y
l
p
p
u
s
r
e
w
o
p
e
v
it
i
s
o
P
Supply Voltage (VCC) ....................................... –0.3Vto+4.0V
Input Voltage (RIN+, RIN-) ............................... –0.3Vto+3.9V
Enable Input Voltage (EN) ...................... –0.3Vto(VCC+0.3V)
Output Voltage (ROUT) .......................... –0.3Vto(VCC+0.3V)
S Package .................................................................... 750mW
Derate S Package ................................8.2mW/°Cabove+25°C
Storage Temperature Range .......................... –65°Cto+150°C
Lead Temperature Range Soldering (4s) ...................... +260°C
Maximum Junction Temperature .................................. +150°C
ESDRating ...................................................................
≥10kV
Note:
Stresses greater than those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Absolute Maximum Ratings (see Note 1, Page 4)
RecommendedOperatingConditions
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C )0
.
3
+3
.
3
+6
.
3
+
V
e
g
a
tl
o
V
t
u
p
n
I
r
e
v
i
e
c
e
RD
N
G0
.
3
+
ri
A
e
e
r
F
g
n
it
a
r
e
p
O
T
(
e
r
u
t
a
r
e
p
m
e
T
A)
0
4
–5
2
+5
8
+C
°


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn