Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV859 Datasheet(PDF) 3 Page - Supertex, Inc

Part No. HV859
Description  High Voltage EL Lamp Driver for Low Noise Applications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV859 Datasheet(HTML) 3 Page - Supertex, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NR040306
HV859
Functional Block Diagram
Figure 1: Typical Application/Test Circuit
Q
Q
Q
Q
VDD
GND
Disable
VDD
RSW-OSC
VB
VA
CS
LX
RSW-OSC
VREF
High
Voltage
Level
Trans-
lators
VSENSE
C
Switch
OSC
Switch
OSC
1
2
3
4
8
7
6
5
+
-
V
DD
R
SW-osc
V
B
R
EL-osc
GND
V
A
L
X
C
S
VDD
VDD = VIN
HV859MG/
HV859K7
Enable Signal
ON = VDD
OFF = 0V
560k
Ω
2.0M
Ω
1.0µF
220µH*
2.0k
Ω
10nF
Equivalent to 3.0in2 lamp
BAS21**
3.3nF
200V
* Murata Inductor - LQH32CN221K21
** BAS21 - General Purpose HV diode


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HV857High Voltage EL Lamp Driver for Low Noise Applications 1 2 3 4 5 MoreSupertex, Inc
SP4428Electroluminescent Lamp Driver High Drive Capability for Low Voltage Applications 1 2 3 4 5 MoreSipex Corporation
HV832Dual High Voltage Low Noise EL Lamp Driver 1 2 3 4 5 MoreSupertex, Inc
HV852High Voltage Low Noise Inductorless EL Lamp Driver 1 2 3 4 5 MoreSupertex, Inc
SP4425QElectroluminescent Lamp Driver for Low Noise Applications 1 2 3 4 5 MoreSipex Corporation
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856-BC860PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856W-BC860WPNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn