Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LNK362-364 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part No. LNK362-364
Description  Energy Efficient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERINT [Power Integrations, Inc.]
Homepage  http://www.powerint.com
Logo 

LNK362-364 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LNK362-364
B
11/05
6
LinkSwitch-XT
Layout Considerations
See Figure 6 for a recommended circuit board layout for
LinkSwitch-XT
.
Single Point Grounding
Use a single point ground connection from the input filter
capacitor to the area of copper connected to the SOURCE
pins.
Bypass Capacitor C
BP
TheBYPASSpincapacitorshouldbelocatedasnearaspossible
to the BYPASS and SOURCE pins.
Primary Loop Area
The area of the primary loop that connects the input filter
capacitor, transformer primary and LinkSwitch-XT together
should be kept as small as possible.
Primary Clamp Circuit
Aclamp is used to limit peak voltage on the DRAIN pin at turn
off. This can be achieved by using an RCD clamp or a Zener
(~200 V) and diode clamp across the primary winding. In all
cases, to minimize EMI, care should be taken to minimize the
circuit path from the clamp components to the transformer and
LinkSwitch-XT
.
Thermal Considerations
The copper area underneath the LinkSwitch-XT acts not only
as a single point ground, but also as a heatsink. As this area is
connected to the quiet source node, it should be maximized for
good heat sinking of LinkSwitch-XT. The same applies to the
cathode of the output diode.
Y Capacitor
The placement of the Y capacitor should be directly from
the primary input filter capacitor positive terminal to the
common/return terminal of the transformer secondary. Such
a placement will route high magnitude common-mode surge
currents away from the LinkSwitch-XT device. Note that if an
input pi (C, L, C) EMI filter is used, then the inductor in the
filter should be placed between the negative terminals of the
input filter capacitors.
Figure 6. Recommended Printed Circuit Layout for LinkSwitch-XT in a Flyback Converter Configuration.
+
+
HV DC
INPUT
-
-
DC
OUT
TOP VIEW
PI-4155-102705
T
r
a
n
s
f
o
r
m
e
r
Input Filter
Capacitor
CBP
Output Filter
Capacitor
D
S
S
FB
BP
S
S
Maximize hatched copper
areas (
) for optimum
heatsinking
S
S
Opto-
coupler
Y1-
Capacitor


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn