Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK362-364 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # LNK362-364
Description  Energy Efficient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK362-364 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  LNK362-364 Datasheet HTML 1Page - Power Integrations, Inc. LNK362-364 Datasheet HTML 2Page - Power Integrations, Inc. LNK362-364 Datasheet HTML 3Page - Power Integrations, Inc. LNK362-364 Datasheet HTML 4Page - Power Integrations, Inc. LNK362-364 Datasheet HTML 5Page - Power Integrations, Inc. LNK362-364 Datasheet HTML 6Page - Power Integrations, Inc. LNK362-364 Datasheet HTML 7Page - Power Integrations, Inc. LNK362-364 Datasheet HTML 8Page - Power Integrations, Inc. LNK362-364 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LNK362-364
B
11/05
5
TheLinkSwitch-XTiscompletelyself-poweredfromtheDRAIN
pin, requiring only a small ceramic capacitor C3 connected to
the BYPASS pin. No auxiliary winding on the transformer is
required.
Key Application Considerations
LinkSwitch-XT
Design Considerations
Output Power Table
Thedatasheetmaximumoutputpowertable(Table1)represents
the maximum practical continuous output power level that can
be obtained under the following assumed conditions:
1. TheminimumDCinputvoltageis90Vorhigherfor85VAC
input, or 240 V or higher for 230 VAC input or 115 VAC
with a voltage doubler. The value of the input capacitance
should be large enough to meet these criteria for AC input
designs.
2. Secondary output of 6 V with a fast PN rectifier diode.
3. Assumed efficiency of 70%.
4. Voltage only output (no secondary-side constant current
circuit).
5. Discontinuous mode operation (K
P >1).
6. A primary clamp (RCD or Zener) is used.
7. The part is board mounted with SOURCE pins soldered
to a sufficient area of copper to keep the SOURCE pin
temperature at or below 100 °C.
8. Ambient temperature of 50 °C for open frame designs
and an internal enclosure temperature of 60 °C for adapter
designs.
Below a value of 1, K
P is the ratio of ripple to peak primary
current.Above a value of 1, K
P is the ratio of primary MOSFET
OFF time to the secondary diode conduction time. Due to
the flux density requirements described below, typically a
LinkSwitch-XT
design will be discontinuous, which also has
the benefits of allowing lower cost fast (instead of ultra-fast)
output diodes and reducing EMI.
Clampless
Designs
Clampless
designs rely solely on the drain node capacitance
to limit the leakage inductance induced peak drain-to-source
voltage. Therefore, the maximum AC input line voltage, the
value of V
OR, the leakage inductance energy, a function of
leakage inductance and peak primary current, and the primary
winding capacitance determine the peak drain voltage. With no
significant dissipative element present, as is the case with an
external clamp, the longer duration of the leakage inductance
ringing can increase EMI.
The following requirements are recommended for a universal
input or 230 VAC only Clampless design:
1. A Clampless design should only be used for P
O ≤ 2.5 W,
using the LNK362and a V
OR** ≤ 90 V.
2. For designs where P
O ≤ 2 W, a two-layer primary should be
used to ensure adequate primary intra-winding capacitance
in the range of 25 pF to 50 pF.
3. For designs where 2 < P
O ≤ 2.5 W, a bias winding should be
added to the transformer using a standard recovery rectifier
diode to act as a clamp. This bias winding may also be used
to externally power the device by connecting a resistor from
the bias-winding capacitor to the BYPASS pin.This inhibits
the internal high voltage current source, reducing device
dissipation and no-load consumption.
4. For designs where P
O > 2.5 W Clampless designs are not
practical and an external RCD or Zener clamp should be
used.
5. Ensurethatworst-casehighline,peakdrainvoltageisbelow
the BV
DSS specification of the internal MOSFET and ideally
≤650 V to allow margin for design variation.
†For 110 VAC only input designs it may be possible to extend
the power range of Clampless designs to include the LNK363.
However, the increased leakage ringing may degrade EMI
performance.
**V
OR is the secondary output plus output diode forward voltage
drop that is reflected to the primary via the turns ratio of the
transformer during the diode conduction time. The V
OR adds
to the DC bus voltage and the leakage spike to determine the
peak drain voltage.
Audible Noise
The cycle skipping mode of operation used in LinkSwitch-XT
can generate audio frequency components in the transformer.
To limit this audible noise generation, the transformer should
be designed such that the peak core flux density is below
1500 Gauss (150 mT). Following this guideline and using the
standard transformer production technique of dip varnishing
practically eliminates audible noise. Vacuum impregnation
of the transformer should not be used due to the high primary
capacitanceandincreasedlossesthatresult.Higherfluxdensities
are possible, however careful evaluation of the audible noise
performance should be made using production transformer
samples before approving the design.
Ceramic capacitors that use dielectrics, such as Z5U, when
used in clamp circuits may also generate audio noise. If this is
the case, try replacing them with a capacitor having a different
dielectric or construction, for example a film type.


Similar Part No. - LNK362-364

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK362-364 POWERINT-LNK362-364 Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
More results

Similar Description - LNK362-364

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com