Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N04Q1625C2BT2-15C Datasheet(PDF) 7 Page - NanoAmp Solutions, Inc.

Part # N04Q1625C2BT2-15C
Description  4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N04Q1625C2BT2-15C Datasheet(HTML) 7 Page - NanoAmp Solutions, Inc.

Back Button N04Q1625C2BT2-15C Datasheet HTML 3Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 4Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 5Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 6Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 7Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 8Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 9Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 10Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 11Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Stock No. 23451-B 2/06
7
The specification is ADVANCE INFORMATION and subject to change without notice.
NanoAmp Solutions, Inc.
N04Q16yyC2B
Advance Information
Timing Test Conditions
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 30pF
Operating Temperature
0 to +70oC
Timing
Item
Symbol
-70
-150
Units
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
70
150
ns
Address Access Time
tAA
70
150
ns
Page Mode Address Access Time
tAAP
35
75
ns
Chip Enable to Valid Output
tCO
70
150
ns
Output Enable to Valid Output
tOE
35
75
ns
Byte Select to Valid Output
tLB, tUB
70
150
ns
Chip Enable to Low-Z output
tLZ
10
10
ns
Output Enable to Low-Z Output
tOLZ
55
ns
Byte Select to Low-Z Output
tLBZ, tUBZ
10
10
ns
Chip Disable to High-Z Output
tHZ
0200
20
ns
Output Disable to High-Z Output
tOHZ
0200
20
ns
Byte Select Disable to High-Z Output
tLBHZ, tUBHZ
0200
20
ns
Output Hold from Address Change
tOH
10
10
ns
Write Cycle Time
tWC
70
150
ns
Chip Enable to End of Write
tCW
50
120
ns
Address Valid to End of Write
tAW
50
120
ns
Byte Select to End of Write
tLBW, tUBW
50
120
ns
Write Pulse Width
tWP
40
100
ns
Address Setup Time
tAS
00
ns
Write Recovery Time
tWR
00
ns
Write to High-Z Output
tWHZ
20
20
ns
Data to Write Time Overlap
tDW
40
100
ns
Data Hold from Write Time
tDH
00
ns
End Write to Low-Z Output
tOW
55
ns


Similar Part No. - N04Q1625C2BT2-15C

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
N04Q1612C2BX-15C AMI-N04Q1612C2BX-15C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-15C AMI-N04Q1618C2BX-15C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-70C AMI-N04Q1618C2BX-70C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-85C AMI-N04Q1618C2BX-85C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
More results

Similar Description - N04Q1625C2BT2-15C

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04L1630C2B AMI-N04L1630C2B Datasheet
194Kb / 12P
   4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
NanoAmp Solutions, Inc.
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com