Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN0332 Datasheet(PDF) 1 Page - Supertex, Inc

Part # AN0332
Description  8 N-Channel Latchable Power MOSFET Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AN0332 Datasheet(HTML) 1 Page - Supertex, Inc

  AN0332 Datasheet HTML 1Page - Supertex, Inc AN0332 Datasheet HTML 2Page - Supertex, Inc AN0332 Datasheet HTML 3Page - Supertex, Inc AN0332 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9-1
9
V
DD
R
O(ON)
I
O(ON)
I
O(OFF)
Order Number/Package
(max)
(max)
(min)
(max)
SO-16
Die
320V
350Ω
25mA
-1.0nA
AN0332CG
AN0332ND
*Average current per channel, measured with all eight channels connected in parallel.
AN0332
8 N-Channel Latchable Power MOSFET Array
Ordering Information
General Description
The Supertex AN0332 is an 8 N-Channel 320V common source
power MOSFET array with a CMOS 8 bit addressable latch. The
outputs are guaranteed to have very low leakage current. The
outputs are addressed by logic inputs A0, A1, and A2. The
addressed and unaddressed output can be turned on or off by the
data, reset, and write disable inputs.
The AN0332 is ideally suited for low leakage/high impedance
measurements, providing excellent accuracy as well as resolution
for automatic bare board test equipment and other applications.
Features
Low drain to source leakage
Interfaces directly to TTL and CMOS logic
8 independent channels
Low crosstalk between channels
Low power dissipation
Freedom from secondary breakdown
Serial data input
On-chip decoder, latch with reset and write disable circuitry
Absolute Maximum Ratings1
Output voltage, VDD
320V
Logic supply voltage, V
DD
-0.5V to +15V
Logic input levels, all inputs
-0.5V to VDD
Operating and storage temperature range
-55°C to +150°C
Soldering temperature 2
300°C
Channel-to-channel crosstalk
10mV/V
Notes:
1. All voltages are referenced to VSS.
2. Distance of 1.6mm from case for 10 seconds.
Applications
High impedance/low leakage measurements
for bare board testers
High voltage piezoelectric transducer drivers
High voltage electroluminescent panel drivers
High voltage electrostatic array drivers
General multi-channel driver arrays
Pin Configuration
Q
7
V
DD
Reset
Q
6
Data
Q
5
Write Dis
Q
4
A
0
Q
3
A
1
Q
2
A
2
Q
1
V
SS
Q
0
Note: See Package Outline section for dimensions.
SO-16
1
8
top view
2
3
4
5
6
7
16
9
15
14
13
12
11
10
– OBSOLETE


Similar Part No. - AN0332

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
AN031102-0311 ZILOG-AN031102-0311 Datasheet
2Mb / 26P
   Sensorless Brushless DC Motor Control with the Z16FMC MCU
AN0366 ZILOG-AN0366 Datasheet
245Kb / 12P
   Porting RZK/ZTP Applications to the eZ80L925148MODG Module
logo
SIRENZA MICRODEVICES
AN03L SIRENZA-AN03L Datasheet
123Kb / 1P
   COUPLER Product Specification
AN03LZ SIRENZA-AN03LZ Datasheet
123Kb / 1P
   COUPLER Product Specification
logo
ABCO ELECTRONICS CO.LTD
AN03TA120J ABCO-AN03TA120J Datasheet
831Kb / 13P
   LEADED INDUCTORS
More results

Similar Description - AN0332

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
AP0332 SUTEX-AP0332 Datasheet
50Kb / 4P
   8 P-Channel Latchable Power MOSFET Array
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Supertex, Inc
AP01 SUTEX-AP01 Datasheet
159Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode?
AN01 SUTEX-AN01 Datasheet
160Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode
logo
Hitachi Semiconductor
4AM16 HITACHI-4AM16 Datasheet
87Kb / 11P
   Silicon N-Channel/P-Channel Power MOSFET Array
logo
ON Semiconductor
MMSF5N02HD ONSEMI-MMSF5N02HD Datasheet
269Kb / 10P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 7
MMDFS6N303 ONSEMI-MMDFS6N303 Datasheet
252Kb / 11P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
logo
Sensitron
SRADM1001 SENSITRON-SRADM1001 Datasheet
213Kb / 3P
   HERMETIC RAD HARD POWER N-CHANNEL MOSFET ARRAY
logo
Analog Devices
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com