Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N16D1633LPAC2-75I Datasheet(PDF) 1 Page - NanoAmp Solutions, Inc.

Part # N16D1633LPAC2-75I
Description  512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N16D1633LPAC2-75I Datasheet(HTML) 1 Page - NanoAmp Solutions, Inc.

  N16D1633LPAC2-75I Datasheet HTML 1Page - NanoAmp Solutions, Inc. N16D1633LPAC2-75I Datasheet HTML 2Page - NanoAmp Solutions, Inc. N16D1633LPAC2-75I Datasheet HTML 3Page - NanoAmp Solutions, Inc. N16D1633LPAC2-75I Datasheet HTML 4Page - NanoAmp Solutions, Inc. N16D1633LPAC2-75I Datasheet HTML 5Page - NanoAmp Solutions, Inc. N16D1633LPAC2-75I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N16D1633LPAC2-75I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N16D1633LPAC2-75I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N16D1633LPAC2-75I Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
NanoAmp Solutions, Inc.
670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035
ph: 408-935-7777, FAX: 408-935-7770
www.nanoamp.com
N16D1633LPA
Stock No. 23395- Rev L 1/06
1
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
Advance Information
512K × 16 Bits × 2 Banks Low Power Synchronous DRAM
DESCRIPTION
These N16D1633LPA are low power 16,777,216 bits CMOS Synchronous DRAM organized as 2 banks of 524,288
words x 16 bits. These products are offering fully synchronous operation and are referenced to a positive edge of the
clock. All inputs and outputs are synchronized with the rising edge of the clock input. The data paths are internally
pipelined to achieve very high bandwidth. All input and output voltage levels are compatible with LVTTL.
Features
• JEDEC standard 3.0V/3.3V power supply.
• Auto refresh and self refresh.
• All pins are compatible with LVTTL interface.
• 4K refresh cycle / 64ms.
• Programmable Burst Length and Burst Type.
- 1, 2, 4, 8 or Full Page for Sequential Burst.
- 4 or 8 for Interleave Burst.
• Programmable CAS Latency : 2,3 clocks.
• Programmable Driver Strength Control.
- Full Strength or 1/2, 1/4 of Full Strength
• Deep Power Down Mode
• All inputs and outputs referenced to the positive
edge of the system clock.
• Data mask function by DQM.
• Internal dual banks operation.
• Burst Read Single Write operation.
• Special Function Support.
-PASR (Partial Array Self Refresh)
-Auto TCSR(Temperature Compensated Self Refresh)
• Automatic precharge, includes CONCURRENT
Auto Precharge Mode and controlled Precharge
Table 1: Ordering Information
PART NO.
CLOCK Freq.
Temperature
VDD/VDDQ
INTERLEAVE
PACKAGE
N16D1633LPAZ2-75I
133MHz
-25o C to
85o C
3.0V/3.0V
or
3.3V/3.3V
LVTTL
48-Ball Green
FBGA
N16D1633LPAZ2-10I
100MHz
N16D1633LPAC2-60I
166MHz
60-Ball Green
WBGA
N16D1633LPAC2-75I
133MHz
N16D1633LPAC2-10I
100MHz
N16D1633LPAT2-60I
166MHz
50-Pin Green
TSOP II
N16D1633LPAT2-75I
133MHz
N16D1633LPAT2-10I
100MHz


Similar Part No. - N16D1633LPAC2-75I

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N16D1618LPA NANOAMP-N16D1618LPA Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1618LPAC2-10I NANOAMP-N16D1618LPAC2-10I Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1618LPAC2-60I NANOAMP-N16D1618LPAC2-60I Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1618LPAC2-75I NANOAMP-N16D1618LPAC2-75I Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1618LPAT2-10I NANOAMP-N16D1618LPAT2-10I Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
More results

Similar Description - N16D1633LPAC2-75I

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N16D1618LPA NANOAMP-N16D1618LPA Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
logo
Winbond
W9816G6CH WINBOND-W9816G6CH Datasheet
1Mb / 43P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6CB WINBOND-W9816G6CB Datasheet
1Mb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6IH WINBOND-W9816G6IH_10 Datasheet
721Kb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6IH WINBOND-W9816G6IH Datasheet
1Mb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
   1M 횞 4 BANKS 횞 16 BITS SDRAM
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
   4M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com